Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTEA415050 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PTEA415050
Description  15-A, 48-V INPUT, 5-V OUTPUT, ISOLATED, 1/8th BRICK DC/DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTEA415050 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTEA415050 Datasheet HTML 2Page - Texas Instruments PTEA415050 Datasheet HTML 3Page - Texas Instruments PTEA415050 Datasheet HTML 4Page - Texas Instruments PTEA415050 Datasheet HTML 5Page - Texas Instruments PTEA415050 Datasheet HTML 6Page - Texas Instruments PTEA415050 Datasheet HTML 7Page - Texas Instruments PTEA415050 Datasheet HTML 8Page - Texas Instruments PTEA415050 Datasheet HTML 9Page - Texas Instruments PTEA415050 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PTEA415050
SLTS291B – JULY 2008 – REVISED NOVEMBER 2010
www.ti.com
APPLICATION INFORMATION
Operating Features and System Considerations for the PTEA415050 DC/DC Converter
Overcurrent Protection
To protect against load faults, these converters incorporate output overcurrent protection. Applying a load to the
output that exceeds the converter's overcurrent threshold (see applicable specification) will cause the output
voltage to momentarily fold back, and then shut down. Following shutdown the module will periodically attempt to
automatically recover by initiating a soft-start power-up. This is often described as a hiccup mode of operation,
whereby the module continues in the cycle of successive shutdown and power up until the load fault is removed.
Once the fault is removed, the converter automatically recovers and returns to normal operation.
Output Overvoltage Protection
Each converter incorporates protection circuitry that continually senses for an output overvoltage (OV) condition.
The OV threshold is set approximately 20% higher than the nominal output voltage. If the converter output
voltage exceeds this threshold, the converter is immediately shut down and remains in a latched-off state. To
resume normal operation the converter must be actively reset. This can only be done by momentarily removing
the input power to the converter. For fail-safe operation and redundancy, the OV protection uses circuitry that is
independent of the converter’s internal feedback loop.
Overtemperature Protection
Overtemperature protection is provided by an internal temperature sensor, which closely monitors the
temperature of the converter’s printed circuit board (PCB). If the sensor exceeds a temperature of approximately
115°C, the converter will shut down. The converter will then automatically restart when the sensed temperature
drops back to approximately 105°C. When operated outside its recommended thermal derating envelope (see
data sheet SOA curves), the converter will typcially cycle on and off at intervals from a few seconds to one or two
minutes. This is to ensure that the internal components are not permanently damaged from excessive thermal
stress.
Undervoltage Lockout
The Undervoltage lockout (UVLO) is designed to prevent the operation of the converter until the input voltage is
at the minimum input voltage. This prevents high start-up current during normal power-up of the converter, and
minimizes the current drain from the input source during low input voltage conditions. The UVLO circuitry also
overrides the operation of the Remote On/Off control.
Primary-Secondary Isolation
These converters incorporate electrical isolation between the input terminals (primary) and the output terminals
(secondary). All converters are production tested to a withstand voltage of 1500 VDC. This specification complies
with UL60950 and EN60950 requirements. This allows the converter to be configured for either a positive or
negative input voltage source. The data sheet Pin Descriptions section provides guidance as to the correct
reference that must be used for the external control signals.
Input Current Limiting
The converter is not internally fused. For safety and overall system protection, the maximum input current to the
converter must be limited. Active or passive current limiting can be used. Passive current limiting can be a fast
acting fuse. A 125-V fuse, rated no more than 10 A, is recommended. Active current limiting can be implemented
with a current limited Hot-Swap controller.
Thermal Considerations
Airflow may be necessary to ensure that the module can supply the desired load current in environments with
elevated ambient temperatures. The required airflow rate may be determined from the Safe Operating Area
(SOA) thermal derating chart (see typical characteristics).
6
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): PTEA415050


Similar Part No. - PTEA415050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120N2AD TI-PTEA404120N2AD Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120N2AS TI-PTEA404120N2AS Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120N2AZ TI-PTEA404120N2AZ Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120P2AD TI-PTEA404120P2AD Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
More results

Similar Description - PTEA415050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTEA420025 TI1-PTEA420025 Datasheet
338Kb / 16P
[Old version datasheet]   20-A, 48-V INPUT, ISOLATED, 1/8th BRICK DC-DC CONVERTER
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
logo
Texas Instruments
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
logo
Bel Fuse Inc.
VRPF-15A1AC BEL-VRPF-15A1AC Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTER 12 V Input 1.2 V-5.0 V/15 A Output
logo
Texas Instruments
PTB48500 TI1-PTB48500_14 Datasheet
580Kb / 18P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI-PTB48500_06 Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI-PTB48500 Datasheet
411Kb / 14P
[Old version datasheet]   Dual-Output, 48-V Input Isolated DC/DC Converter for xDSL
PTB48500A TI1-PTB48500A Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
logo
Bel Fuse Inc.
XRAH-05BT50 BEL-XRAH-05BT50 Datasheet
134Kb / 6P
   NON-ISOLATED DC/DC CONVERTER 5 V Input Vref/2 / 5 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com