Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC139AQPWRG4Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC139AQPWRG4Q1
Description  DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC139AQPWRG4Q1 Datasheet(HTML) 3 Page - Texas Instruments

  CLVC139AQPWRG4Q1 Datasheet HTML 1Page - Texas Instruments CLVC139AQPWRG4Q1 Datasheet HTML 2Page - Texas Instruments CLVC139AQPWRG4Q1 Datasheet HTML 3Page - Texas Instruments CLVC139AQPWRG4Q1 Datasheet HTML 4Page - Texas Instruments CLVC139AQPWRG4Q1 Datasheet HTML 5Page - Texas Instruments CLVC139AQPWRG4Q1 Datasheet HTML 6Page - Texas Instruments CLVC139AQPWRG4Q1 Datasheet HTML 7Page - Texas Instruments CLVC139AQPWRG4Q1 Datasheet HTML 8Page - Texas Instruments CLVC139AQPWRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SN74LVC139A-Q1
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SCAS782B − SEPTEMBER 2004 – REVISED JANUARY 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
V
Supply voltage
Operating
1.65
3.6
V
VCC
Supply voltage
Data retention only
1.5
V
VCC = 1.65 V to 1.95 V
0.65
× VCC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VIH
High level input voltage
VCC = 2.7 V to 3.6 V
2
V
VCC = 1.65 V to 1.95 V
0.35
× VCC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VIL
Low level input voltage
VCC = 2.7 V to 3.6 V
0.8
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
−4
I
High level output current
VCC = 2.3 V
−8
mA
IOH
High-level output current
VCC = 2.7 V
−12
mA
VCC = 3 V
−24
VCC = 1.65 V
4
I
Low level output current
VCC = 2.3 V
8
mA
IOL
Low-level output current
VCC = 2.7 V
12
mA
VCC = 3 V
24
∆t/∆v
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
−40
125
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
TA = −405C TO 1255C
TA = −405C TO 855C
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOH = −100 µA
1.65 V to 3.6 V
VCC − 0.2
VCC − 0.2
IOH = −4 mA
1.65 V
1.2
1.2
V
IOH = −8 mA
2.3 V
1.7
1.7
V
VOH
I
12 mA
2.7 V
2.1
2.2
V
IOH = −12 mA
3 V
2.3
2.4
IOH = −24 mA
3 V
2.1
2.2
IOL = 100 µA
1.65 V to 3.6 V
0.2
0.2
IOL = 4 mA
1.65 V
0.45
0.45
VOL
IOL = 8 mA
2.3 V
0.7
0.7
V
VOL
IOL = 12 mA
2.7 V
0.4
0.4
V
IOL = 24 mA
3 V
0.55
0.55
II
All inputs
VI = 5.5 V or GND
3.6 V
±5
±5
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
10
10
µA
∆ICC
One input at VCC − 0.6 V,
Other inputs at VCC or GND
2.7 V to 3.6 V
500
500
µA
Ci
VI = VCC or GND
3.3 V
5
5
pF
All typical values are at VCC = 3.3 V, TA = 25°C.


Similar Part No. - CLVC139AQPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVC138AQPWRG4Q1 TI1-CLVC138AQPWRG4Q1 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results

Similar Description - CLVC139AQPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74ALS155 TI-SN74ALS155 Datasheet
42Kb / 4P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74AC11239 TI-74AC11239 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_07 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A Datasheet
346Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74ACT11139 TI1-74ACT11139_15 Datasheet
892Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_08 Datasheet
856Kb / 20P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74HC139-Q1 TI1-SN74HC139-Q1 Datasheet
246Kb / 9P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com