Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1784AS Datasheet(PDF) 9 Page - Sony Corporation

Part # CXA1784AS
Description  US Audio Multiplexing Decoder
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1784AS Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA1784AS Datasheet HTML 5Page - Sony Corporation CXA1784AS Datasheet HTML 6Page - Sony Corporation CXA1784AS Datasheet HTML 7Page - Sony Corporation CXA1784AS Datasheet HTML 8Page - Sony Corporation CXA1784AS Datasheet HTML 9Page - Sony Corporation CXA1784AS Datasheet HTML 10Page - Sony Corporation CXA1784AS Datasheet HTML 11Page - Sony Corporation CXA1784AS Datasheet HTML 12Page - Sony Corporation CXA1784AS Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
– 9 –
CXA1784AS
Pin
Symbol
Pin
Equivalent circuit
Description
No.
voltage
31
32
33
34
35
VCAWGT
VCATC
ITIME
TVOUT-R
TVOUT-L
4.0V
1.7V
1.3V
4.0V
Weight the VCA control
effective value detection
circuit.
(Connect a 1 µF capacitor
and a 3.9 k
Ω resistor in series
between this pin and GND.)
Determine the restoration
time constant of the VCA
control effective value
detection circuit.
(The specified restoration
time constant can be
obtained by connecting a 10
µF capacitor between this pin
and GND.)
Set the reference current for
the effective value detection
timing current. The reference
current is adjusted with the
BUS DATA “SPECTRAL”
based on the current which
flows to this pin.
The timing current determines
the restoration time constant
of the detection circuit and
the variable de-emphasis
characteristics.
(Connect a 43 k
Ω (±1%)
resistor between this pin and
GND.)
TVOUT right channel output
pin.
TVOUT left channel output
pin.
4k
VCC
30k
8k
36k
2.9V
3p
500
500 147
40k
40k
50µ
31
50µ
VCC
4k
20k
× 4
× 4
7.5µ
32
40k
40k
30k
30p 1.8k
2.6V
25k
147
20k
40k 10k
VCC
47k
× 4
33
3k
500
500
VCC
34
35


Similar Part No. - CXA1784AS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1782 SONY-CXA1782 Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782BR SONY-CXA1782BR Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782CR SONY-CXA1782CR Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
More results

Similar Description - CXA1784AS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2149Q SONY-CXA2149Q Datasheet
300Kb / 25P
   US Audio Multiplexing Decoder
CXA2054S SONY-CXA2054S Datasheet
514Kb / 38P
   US Audio Multiplexing Decoder
CXA1734S SONY-CXA1734S Datasheet
471Kb / 30P
   US Audio Multiplexing Decoder
CXA2104S SONY-CXA2104S Datasheet
331Kb / 28P
   US Audio Multiplexing Decoder
CXA2174S SONY-CXA2174S Datasheet
310Kb / 29P
   US Audio Multiplexing Decoder
CXA2074Q SONY-CXA2074Q Datasheet
513Kb / 38P
   US Audio Multiplexing Decoder
CXA2094Q SONY-CXA2094Q Datasheet
386Kb / 31P
   US Audio Multiplexing Decoder
CXA2134Q SONY-CXA2134Q Datasheet
433Kb / 35P
   US Audio Multiplexing Decoder
CXA1785AR SONY-CXA1785AR Datasheet
556Kb / 29P
   US Audio Multiplexing Decoder
CXA2064M SONY-CXA2064M Datasheet
297Kb / 21P
   US Audio Multiplexing Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com