Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC244AQDWRG4Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC244AQDWRG4Q1
Description  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC244AQDWRG4Q1 Datasheet(HTML) 5 Page - Texas Instruments

  CLVC244AQDWRG4Q1 Datasheet HTML 1Page - Texas Instruments CLVC244AQDWRG4Q1 Datasheet HTML 2Page - Texas Instruments CLVC244AQDWRG4Q1 Datasheet HTML 3Page - Texas Instruments CLVC244AQDWRG4Q1 Datasheet HTML 4Page - Texas Instruments CLVC244AQDWRG4Q1 Datasheet HTML 5Page - Texas Instruments CLVC244AQDWRG4Q1 Datasheet HTML 6Page - Texas Instruments CLVC244AQDWRG4Q1 Datasheet HTML 7Page - Texas Instruments CLVC244AQDWRG4Q1 Datasheet HTML 8Page - Texas Instruments CLVC244AQDWRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN74LVC244A-Q1
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCAS790B − DECEMBER 2004 − REVISED JANUARY 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
V
TA = 25°C
−40 TO 85
°C
−40 TO 125
°C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
1.5 V
7
14.4
14.9
16.4
1.8 V
± 0.15 V
5.9
10.4
10.9
12.4
tpd
A
Y
2.5 V
± 0.2 V
4.2
7.4
7.9
10
ns
pd
Y
2.7 V
4.2
6.7
6.9
8.2
3.3 V
± 0.3 V
3.9
5.7
5.9
7.2
1.5 V
8.3
17.8
18.3
19.8
1.8 V
± 0.15 V
6.4
12.1
12.6
14.1
ten
OE
Y
2.5 V
± 0.2 V
4.6
9.1
9.6
11.7
ns
en
Y
2.7 V
5
8.4
8.6
10.3
3.3 V
± 0.3 V
4.5
7.4
7.6
9.4
1.5 V
7.2
15.6
16.1
17.6
1.8 V
± 0.15 V
5.8
11.6
12.1
13.6
tdis
OE
Y
2.5 V
± 0.2 V
3.7
7.3
7.8
9.9
ns
dis
Y
2.7 V
3.8
6.6
6.8
8.6
3.3 V
± 0.3 V
3.8
6.3
6.5
8
tsk(o)
3.3 V
± 0.3 V
1
1.5
ns
operating characteristics, TA = 25°C
PARAMETER
TEST
CONDITIONS
VCC
TYP
UNIT
1.8 V
43
Outputs enabled
f = 10 MHz
2.5 V
43
C d
Power dissipation capacitance per buffer/driver
p
3.3 V
44
pF
Cpd
Power dissipation capacitance per buffer/driver
1.8 V
1
pF
Outputs disabled
f = 10 MHz
2.5 V
1
p
3.3 V
2


Similar Part No. - CLVC244AQDWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVC257AQPWRG4Q1 TI1-CLVC257AQPWRG4Q1 Datasheet
224Kb / 11P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
CLVC2G125IDCTRQ1 TI-CLVC2G125IDCTRQ1 Datasheet
138Kb / 8P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
CLVC2G125IDCURQ1 TI-CLVC2G125IDCURQ1 Datasheet
138Kb / 8P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
CLVC2G126MDCUTEP TI1-CLVC2G126MDCUTEP Datasheet
767Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
CLVC2G126MDCUTEP TI1-CLVC2G126MDCUTEP Datasheet
768Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - CLVC244AQDWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com