Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVT125-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVT125-Q1
Description  3.3-V ABT QUADRUPLE BUS BUFFER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVT125-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVT125-Q1 Datasheet HTML 1Page - Texas Instruments SN74LVT125-Q1 Datasheet HTML 2Page - Texas Instruments SN74LVT125-Q1 Datasheet HTML 3Page - Texas Instruments SN74LVT125-Q1 Datasheet HTML 4Page - Texas Instruments SN74LVT125-Q1 Datasheet HTML 5Page - Texas Instruments SN74LVT125-Q1 Datasheet HTML 6Page - Texas Instruments SN74LVT125-Q1 Datasheet HTML 7Page - Texas Instruments SN74LVT125-Q1 Datasheet HTML 8Page - Texas Instruments SN74LVT125-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Recommended Operating Conditions
(1)
Electrical Characteristics
SN74LVT125-Q1
www.ti.com....................................................................................................................................................... SCBS763B – AUGUST 2003 – REVISED APRIL 2008
MIN
MAX
UNIT
VCC
Supply voltage
2.7
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
5.5
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
32
mA
Δt/Δv
Input transition rise or fall rate
Outputs enabled
10
ns/V
TA
Operating free-air temperature
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIK
VCC = 2.7 V,
II = –18 mA
–1.2
V
VCC = MIN to MAX,
(2)
IOH = –100 µA
VCC – 0.2
VOH
VCC = 2.7 V,
IOH = –8 mA
2.4
V
VCC = 3 V
IOH = –32 mA
2
IOL = 100 µA
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
VOL
V
IOL = 16 mA
0.4
VCC = 3 V
IOL = 32 mA
0.5
VCC = 0 or MAX,
VI = 5.5 V
40
VI = VCC or GND
Control inputs
±1
II
µA
VCC = 3.6 V
VI = VCC
1
Data inputs
VI = 0
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±450
µA
VI = 0.8 V
75
II(hold)
VCC = 3 V
Data inputs
µA
VI = 2 V
–75
IOZH
VCC = 3.6 V,
VO = 3 V
5
µA
IOZL
VCC = 3.6 V,
VO = 0.5 V
–5
µA
Outputs high
0.12
0.35
ICC
VCC = 3.6 V, VI = VCC or GND, IO = 0
Outputs low
4.5
7
mA
Outputs disabled
0.12
0.4
ΔICC
(3)
VCC = 3 V to 3.6 V,
One input at VCC – 0.6 V, Other inputs at VCC or GND
0.2
mA
CI
VI = 3 V or 0
4
pF
Co
VO = 3 V or 0
8
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
(3)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74LVT125-Q1


Similar Part No. - SN74LVT125-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT125-EP TI1-SN74LVT125-EP Datasheet
485Kb / 11P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT125-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH125-EP TI1-SN74LVTH125-EP Datasheet
431Kb / 9P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFER WITH 3-STATE OUTPUTS
SN74LVT125-EP TI1-SN74LVT125-EP Datasheet
485Kb / 11P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFER WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125_09 Datasheet
765Kb / 19P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVT125 TI-SN54LVT125 Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH126 TI-SN54LVTH126 Datasheet
506Kb / 16P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVT125 TI-SN74LVT125_06 Datasheet
276Kb / 12P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125_07 Datasheet
705Kb / 17P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125 Datasheet
103Kb / 15P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVTH126 TI-SN74LVTH126 Datasheet
333Kb / 13P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125_10 Datasheet
549Kb / 17P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com