Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1785AR Datasheet(PDF) 3 Page - Sony Corporation

Part # CXA1785AR
Description  US Audio Multiplexing Decoder
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1785AR Datasheet(HTML) 3 Page - Sony Corporation

  CXA1785AR Datasheet HTML 1Page - Sony Corporation CXA1785AR Datasheet HTML 2Page - Sony Corporation CXA1785AR Datasheet HTML 3Page - Sony Corporation CXA1785AR Datasheet HTML 4Page - Sony Corporation CXA1785AR Datasheet HTML 5Page - Sony Corporation CXA1785AR Datasheet HTML 6Page - Sony Corporation CXA1785AR Datasheet HTML 7Page - Sony Corporation CXA1785AR Datasheet HTML 8Page - Sony Corporation CXA1785AR Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
—3—
CXA1785AR
Pin Description
(The pin voltage is VCC1 = 4.5 V)
Trap connection.
Leave this pin open other than
when composite video input is
selected.
Outputs the video signal to be
input to the sync separation
circuit.
Composite video signal input
(Y signal when using Y/C input
and Y/color difference input).
The standard input level is 0.5
VP-P (from sync tip to 100 %
white).
IDENT detection filter con-
nection.
Leave this pin open other than
when PAL mode is selected.
Chroma signal input when
using Y/C input. Composite
video signal input is supported
when this pin is connected to
GND. Leave this pin open
when Y/color difference input.
The standard input level is
0.15 VP-P (burst).
GND
VCC1
VEE
1
GND
VCC1
VEE
2
GND
VCC1
VEE
3
GND
VCC1
VEE
4
GND
VCC1
VEE
5
1
TRAP
2.0V
2
H FILTER
OUT
3
VIDEO IN
2.25V
4
IDENT
FILTER
5
C IN
2.5V
Pin No.
Symbol
Pin voltage
Equivalent circuit
Description


Similar Part No. - CXA1785AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1782 SONY-CXA1782 Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782BR SONY-CXA1782BR Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782CR SONY-CXA1782CR Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
More results

Similar Description - CXA1785AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2149Q SONY-CXA2149Q Datasheet
300Kb / 25P
   US Audio Multiplexing Decoder
CXA2054S SONY-CXA2054S Datasheet
514Kb / 38P
   US Audio Multiplexing Decoder
CXA1734S SONY-CXA1734S Datasheet
471Kb / 30P
   US Audio Multiplexing Decoder
CXA2104S SONY-CXA2104S Datasheet
331Kb / 28P
   US Audio Multiplexing Decoder
CXA2174S SONY-CXA2174S Datasheet
310Kb / 29P
   US Audio Multiplexing Decoder
CXA2074Q SONY-CXA2074Q Datasheet
513Kb / 38P
   US Audio Multiplexing Decoder
CXA2094Q SONY-CXA2094Q Datasheet
386Kb / 31P
   US Audio Multiplexing Decoder
CXA2134Q SONY-CXA2134Q Datasheet
433Kb / 35P
   US Audio Multiplexing Decoder
CXA1784AS SONY-CXA1784AS Datasheet
724Kb / 38P
   US Audio Multiplexing Decoder
CXA2064M SONY-CXA2064M Datasheet
297Kb / 21P
   US Audio Multiplexing Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com