Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC320AD55CDWR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC320AD55CDWR
Description  Sigma-Delta Analog Interface Circuit
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD55CDWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC320AD55CDWR Datasheet HTML 3Page - Texas Instruments TLC320AD55CDWR Datasheet HTML 4Page - Texas Instruments TLC320AD55CDWR Datasheet HTML 5Page - Texas Instruments TLC320AD55CDWR Datasheet HTML 6Page - Texas Instruments TLC320AD55CDWR Datasheet HTML 7Page - Texas Instruments TLC320AD55CDWR Datasheet HTML 8Page - Texas Instruments TLC320AD55CDWR Datasheet HTML 9Page - Texas Instruments TLC320AD55CDWR Datasheet HTML 10Page - Texas Instruments TLC320AD55CDWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
1–1
1 Introduction
The TLC320AD55C provides high resolution low-speed signal conversion from digital-to-analog (D/A) and
from analog-to-digital (A /D) using oversampling sigma-delta technology. This device consists of two, serial,
synchronous conversion paths (one for each data direction) and includes an interpolation filter before the
digital-to-analog converter (DAC) and a decimation filter after the analog-to-digital converter (ADC) (see
Figure 1–1). Other overhead functions provide analog filtering and on-chip timing and control. The
sigma-delta architecture produces high resolution, analog-to-digital and digital-to-analog conversion at low
system speeds and low cost.
The options and the circuit configurations of this device can be programmed through the serial interface.
The options include reset, power-down, communications protocol, serial clock rate, signal sampling rate,
and test mode as outlined in Appendix A. The circuit configurations could include a selection of input ports
to the ADC, analog loopback, digital loopback, decimator sinc filter output, decimator finite-duration
impulse-response (FIR) filter output, interpolator sinc filter output, and interpolator FIR filter output. The
TLC320AD55C is characterized for operation from 0
°C to 70°C.
1.1
Features
Single 5-V power supply
Power dissipation (PD) of 150 mW maximum in the operating mode
Power-down mode to 1 mW
General-purpose 16-bit signal processing
2s-complement format
Serial port interface
Minimum 80-dB harmonic distortion plus noise
Differential architecture
Internal reference voltage (Vref)
Internal 64
× oversampling
Analog output with programmable gain of 1, 1/2, 1/4, and 0 (squelch)
Phone-mode output control
Variable conversion rate selected as MCLK/(Fk
× 256), Fk = 1,2,3,...,256
System test mode:
Digital loopback test
Analog loopback test


Similar Part No. - TLC320AD55CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD55 TI1-TLC320AD55 Datasheet
203Kb / 41P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
More results

Similar Description - TLC320AD55CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD55 TI1-TLC320AD55 Datasheet
203Kb / 41P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD56C TI1-TLC320AD56C_16 Datasheet
218Kb / 42P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD56 TI1-TLC320AD56 Datasheet
218Kb / 42P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD56C TI-TLC320AD56C Datasheet
240Kb / 43P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD50C-I TI1-TLC320AD50C-I_15 Datasheet
927Kb / 57P
[Old version datasheet]   SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
TLC320AD50C-I TI-TLC320AD50C-I Datasheet
271Kb / 53P
[Old version datasheet]   SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com