Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1786N Datasheet(PDF) 2 Page - Sony Corporation

Part # CXA1786N
Description  1.1GHz-band PLL IC for Mobile Communications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1786N Datasheet(HTML) 2 Page - Sony Corporation

  CXA1786N Datasheet HTML 1Page - Sony Corporation CXA1786N Datasheet HTML 2Page - Sony Corporation CXA1786N Datasheet HTML 3Page - Sony Corporation CXA1786N Datasheet HTML 4Page - Sony Corporation CXA1786N Datasheet HTML 5Page - Sony Corporation CXA1786N Datasheet HTML 6Page - Sony Corporation CXA1786N Datasheet HTML 7Page - Sony Corporation CXA1786N Datasheet HTML 8Page - Sony Corporation CXA1786N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
– 2 –
CXA1786N
Pin Description
Pin
No.
Symbol
Typical pin
voltage (DC)
Equivalent circuit
Description
Reference frequency
signal input.
VCO signal input.
No connected.
Reference frequency
signal output.
Oscillator is formed by
connecting the crystal
resonator between this
pin and the OSCI pin; the
oscillator signal is used
as the reference
frequency signal.
Power supply for the
charge pump outputs
(Do1, Do2) and phase
comparator outputs
(
φR, φP).
Power supply.
1
10
2
9
19
3
4
5
6
16
7
8
18
20
11
13
14
OSCI
FIN
NC
OSCO
VP
VCC
DO1
DO2
GND
LD
φP
φR
CK
DATA
LAT
Charge pump 1 output.
Charge pump 2 output.
Outputs only when the
LAT pin is High; in high
impedance when the
LAT pin is Low.
Ground.
Lock detection signal
output.
Clock input.
Data input.
Latch input.
Open Low
3V
High: 2.2V
Low: 2.0V
2.2V
High: 2.2V
Low: 0.1V
Phase comparator output.
Used for the external
charge pump.
VCC
GND
10
1
VCC
GND
3
500
GND
6
16
Vp
Vp
GND
8
18
20
(LD is VCC)
VCC
GND
11
13
14
3V


Similar Part No. - CXA1786N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1782 SONY-CXA1782 Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782BR SONY-CXA1782BR Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782CR SONY-CXA1782CR Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
More results

Similar Description - CXA1786N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1787N SONY-CXA1787N Datasheet
176Kb / 13P
   2GHz-band PLL IC for Mobile Communications
logo
Samsung semiconductor
KB8825 SAMSUNG-KB8825 Datasheet
606Kb / 21P
   1.1GHZ DUAL PLL
S1T8825 SAMSUNG-S1T8825 Datasheet
120Kb / 16P
   1.1GHZ DUAL PLL
logo
NIHON DEMPA KOGYO
NX2520SG NDK-NX2520SG_16 Datasheet
697Kb / 1P
   For Mobile Communications
NX5032SA NDK-NX5032SA_16 Datasheet
701Kb / 1P
   For Mobile Communications
NX2520SG NDK-NX2520SG_15 Datasheet
295Kb / 1P
   For Mobile Communications
NX2016SF_18 NDK-NX2016SF_18_03 Datasheet
785Kb / 1P
   For Mobile Communications
NX2016SF NDK-NX2016SF Datasheet
369Kb / 1P
   For Mobile Communications
NX1612SB NDK-NX1612SB_17 Datasheet
755Kb / 1P
   For Mobile Communications
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com