Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1786N Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA1786N
Description  1.1GHz-band PLL IC for Mobile Communications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1786N Datasheet(HTML) 4 Page - Sony Corporation

  CXA1786N Datasheet HTML 1Page - Sony Corporation CXA1786N Datasheet HTML 2Page - Sony Corporation CXA1786N Datasheet HTML 3Page - Sony Corporation CXA1786N Datasheet HTML 4Page - Sony Corporation CXA1786N Datasheet HTML 5Page - Sony Corporation CXA1786N Datasheet HTML 6Page - Sony Corporation CXA1786N Datasheet HTML 7Page - Sony Corporation CXA1786N Datasheet HTML 8Page - Sony Corporation CXA1786N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
– 4 –
CXA1786N
Item
Current consumption
Current consumption
(in power saving mode)
FIN operating frequency
FIN input level
OSCI operating frequency
OSCI input level
DO1
High output current
DO2
DO1
Low output current
DO2
DO1 High impedance
DO2 leak current
(leak current DO2 off)
φR
φP
High output voltage
LD
φR
φP
Low output voltage
LD
CK
DATA
LAT
PS
PS
High input voltage
High input current
Low input voltage
Low input current
Low input current
Icc
Icc
(PS)
fin
Pin
fosc
Vosc
IOH
IOL
IOZ
VOH
VOL
VIH
IOH
VIL
IIL
IIL
Vcc = Vp = 2.7V to 5.5V
Ta = –35°C to +85°C
Vcc = Vp = 2.7V to 5.5V
Ta = –35°C to +85°C
Vcc = Vp = 2.7V to 5.5V
Ta = –35°C to +85°C
Vcc = Vp = 2.7V to 5.5V
Ta = –35°C to +85°C
IL = 0.1mA
IL = 0.1mA
VIN = Vcc
VIN = GND except for PS
VIN = GND
100
–10
5
0.5
1
–1
2
Vcc
× 0.7
–1
–1
–30
5.84
360
2.18
70.3
–15.5
8.7
510
1100
10
20
2
–1
1
500
1
Vcc
× 0.3
1
mA
µA
MHz
dBm
MHz
Vpp
mA
mA
µA
V
mV
V
µA
V
µA
µA
Symbol
Conditions
Min.
Typ.
Max.
Unit
Electrical Characteristics (Vcc = Vp = 3V, Ta = 25°C, refer to the Electrical Characteristics Measurement Circuit)


Similar Part No. - CXA1786N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1782 SONY-CXA1782 Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782BR SONY-CXA1782BR Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782CR SONY-CXA1782CR Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
More results

Similar Description - CXA1786N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1787N SONY-CXA1787N Datasheet
176Kb / 13P
   2GHz-band PLL IC for Mobile Communications
logo
Samsung semiconductor
KB8825 SAMSUNG-KB8825 Datasheet
606Kb / 21P
   1.1GHZ DUAL PLL
S1T8825 SAMSUNG-S1T8825 Datasheet
120Kb / 16P
   1.1GHZ DUAL PLL
logo
NIHON DEMPA KOGYO
NX2520SG NDK-NX2520SG_16 Datasheet
697Kb / 1P
   For Mobile Communications
NX5032SA NDK-NX5032SA_16 Datasheet
701Kb / 1P
   For Mobile Communications
NX2520SG NDK-NX2520SG_15 Datasheet
295Kb / 1P
   For Mobile Communications
NX2016SF_18 NDK-NX2016SF_18_03 Datasheet
785Kb / 1P
   For Mobile Communications
NX2016SF NDK-NX2016SF Datasheet
369Kb / 1P
   For Mobile Communications
NX1612SB NDK-NX1612SB_17 Datasheet
755Kb / 1P
   For Mobile Communications
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com