Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7701QPWRG4Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC7701QPWRG4Q1
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7701QPWRG4Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TLC7701QPWRG4Q1 Datasheet HTML 1Page - Texas Instruments TLC7701QPWRG4Q1 Datasheet HTML 2Page - Texas Instruments TLC7701QPWRG4Q1 Datasheet HTML 3Page - Texas Instruments TLC7701QPWRG4Q1 Datasheet HTML 4Page - Texas Instruments TLC7701QPWRG4Q1 Datasheet HTML 5Page - Texas Instruments TLC7701QPWRG4Q1 Datasheet HTML 6Page - Texas Instruments TLC7701QPWRG4Q1 Datasheet HTML 7Page - Texas Instruments TLC7701QPWRG4Q1 Datasheet HTML 8Page - Texas Instruments TLC7701QPWRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TLC7701-Q1, TLC7705-Q1, TLC7733-Q1
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
SGLS208A − OCTOBER 2003 − REVISED MAY 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (see Note 2) (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TLC77xx
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2 V
1.8
V
High level output voltage
IOH = − 20 μA
VDD = 2.7 V
2.5
V
VOH
High-level output voltage
IOH
20
μA
VDD = 4.5 V
4.3
V
IOH = − 2 mA
VDD = 4.5 V
3.7
VDD = 2 V
0.2
V
Low level output voltage
IOL = 20 μA
VDD = 2.7 V
0.2
V
VOL
Low-level output voltage
IOL
20
μA
VDD = 4.5 V
0.2
V
IOL = 2 mA
VDD = 4.5 V
0.5
Nti
i
it th
h ld
lt
TLC7701
1.04
1.1
1.16
VIT −
Negative-going input threshold voltage,
SENSE (see Note 3)
TLC7705
VDD = 2 V to 6 V
4.43
4.5
4.63
V
VIT −
SENSE (see Note 3)
TLC7733
VDD
2 V to 6 V
2.855
2.93
3.03
V
TLC7701
30
Vhys
Hysteresis voltage, SENSE
TLC7705
VDD = 2 V to 6 V
70
mV
Vhys
Hysteresis voltage, SENSE
TLC7733
VDD
2 V to 6 V
70
mV
Vres
Power-up reset voltage
IOL = 20 μA
1
V
RESIN
VI = 0 V to VDD
2
I
Input current
CONTROL
VI = VDD
7
15
μA
II
Input current
SENSE
VI = 5 V
5
10
μA
SENSE, TLC7701 only
VI = 5 V
2
RESIN = VDD,
IDD
Supply current
RESIN = VDD,
SENSE = VDD ≥ VITmax + 0.2 V
916
μA
IDD
Supply current
CONTROL = 0 V,
Outputs open
9
16
μA
IDD(d)
Supply current during td
VDD = 5 V,
RESIN = VDD,
CONTROL = 0 V,
VCT = 0 ,
SENSE = VDD,
Outputs open
120
150
μA
CI
Input capacitance, SENSE
VI = 0 V to VDD
50
pF
Typical values apply at TA = 25°C.
The lowest supply voltage at which RESET becomes active. The symbol Vres is not currently listed within EIA or JEDEC standards for
semiconductor symbology. Rise time of VDD ≥ 15 μs/V.
NOTES:
2. All characteristics are measured with CT = 0.1 μF.
3. To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
μF) should be connected near the supply terminals.


Similar Part No. - TLC7701QPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7701QPWRG4Q1 TI1-TLC7701QPWRG4Q1 Datasheet
1Mb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TLC7701QPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI1-TLC7701_12 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1_16 Datasheet
1Mb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-EP TI-TLC7701-EP Datasheet
214Kb / 11P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_16 Datasheet
1Mb / 38P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI-TLC7701 Datasheet
304Kb / 19P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com