Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS1242N Datasheet(PDF) 4 Page - Texas Instruments

Part # TLS1242N
Description  CURRENT-MODE PWM CONTROLLER WITH POWER-FACTOR CORRECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLS1242N Datasheet(HTML) 4 Page - Texas Instruments

  TLS1242N Datasheet HTML 1Page - Texas Instruments TLS1242N Datasheet HTML 2Page - Texas Instruments TLS1242N Datasheet HTML 3Page - Texas Instruments TLS1242N Datasheet HTML 4Page - Texas Instruments TLS1242N Datasheet HTML 5Page - Texas Instruments TLS1242N Datasheet HTML 6Page - Texas Instruments TLS1242N Datasheet HTML 7Page - Texas Instruments TLS1242N Datasheet HTML 8Page - Texas Instruments TLS1242N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TLS1242, TLS1244
CURRENT-MODE PWM CONTROLLER
WITH POWER-FACTOR CORRECTOR
SLVS161 – MAY 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
20
V
Input voltage at CT input
0
5.5
V
Input voltage at FB, ISENS, VSENSE, RMS, SYNC and PKLIM
–0.3
5.5
V
Voltage on output
0
20
V
Supply current, externally limited, ICC
2.5
mA
Average output current, IO
200
mA
Reference output current
–20
mA
Timing capacitor, CT
1
2.2
nF
Oscillator frequency
100
200
kHz
Operating free-air temperature, TA
0
70
°C
Input current at IAC
750
µA
electrical characteristics over recommended operating free-air temperature range, VCC = 15 V (see
Note 3), RT = 47 k
Ω, CT = 2.2 nF, PKLIM = 1 V, RMS = 1.5 V, IAC = 100 µA, ISENS = 0 V, CAO = 4 V,
AO = 3.5 V, VSENSE = 3 V, TA = full range (unless otherwise specified)
reference
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
IO = 1 mA,
TA = 25°C
4.95
5
5.05
V
Line regulation
VCC = 12 V to 20 V
6
20
mV
Load regulation
IO = 1 mA to 20 mA
6
25
mV
Temperature coefficient of output voltage
0.2
0.4
mV/
°C
Output voltage, worst-case variation
VCC = 12 V to 20 V,
IO = 1 mA to 20 mA
4.9
5.1
V
Output noise voltage
f = 10 Hz to 10 kHz,
TA = 25°C
50
100
µV
Output voltage, long-term drift
After 1000 at TA = 125°C
5
25
mV
Short-circuit output current
–30
–100
–180
mA
oscillator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Oscillator frequency
TA = 125°C
43
48
53
kHz
Frequency change with supply voltage
VCC = 12 V to 20 V
1%
2%
Frequency change with temperature
TA = 0°C to 70°C
1%
Peak-to-peak amplitude voltage at CT
4.6
V
Valley-point voltage
TA = 25°C
1.15
1.65
V
current sense comparator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage amplification
See Note 2,
See Note 3
2.85
3
3.15
V/V
Current-sense comparator threshold voltage
COMP at 5 V,
See Note 2
0.9
1
1.1
V
Supply voltage rejection ratio
VCC = 12 V to 20 V, See Note 2
70
dB
Input bias current
–2
–10
µA
Delay time to output
150
300
ns


Similar Part No. - TLS1242N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLS124 TOSHIBA-TLS124 Datasheet
416Kb / 4P
   TOSHIBA LED LAMP
1996-09-20
More results

Similar Description - TLS1242N

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L6560 STMICROELECTRONICS-L6560 Datasheet
123Kb / 11P
   POWER FACTOR CORRECTOR
June 2000
L4981AD013TR STMICROELECTRONICS-L4981AD013TR Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
   POWER FACTOR CORRECTOR
UA7524 UTC-UA7524_15 Datasheet
204Kb / 5P
   POWER FACTOR CORRECTOR
logo
AUK corp
S6500 AUK-S6500 Datasheet
492Kb / 7P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
   POWER FACTOR CORRECTOR
September 1998
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
   POWER FACTOR CORRECTOR
E-L6561D013TR STMICROELECTRONICS-E-L6561D013TR Datasheet
180Kb / 13P
   POWER FACTOR CORRECTOR
L4981A STMICROELECTRONICS-L4981A_01 Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com