Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM124FBK32F Datasheet(PDF) 3 Page - Texas Instruments

Part # TM124FBK32F
Description  DYNAMIC RAM MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM124FBK32F Datasheet(HTML) 3 Page - Texas Instruments

  TM124FBK32F Datasheet HTML 1Page - Texas Instruments TM124FBK32F Datasheet HTML 2Page - Texas Instruments TM124FBK32F Datasheet HTML 3Page - Texas Instruments TM124FBK32F Datasheet HTML 4Page - Texas Instruments TM124FBK32F Datasheet HTML 5Page - Texas Instruments TM124FBK32F Datasheet HTML 6Page - Texas Instruments TM124FBK32F Datasheet HTML 7Page - Texas Instruments TM124FBK32F Datasheet HTML 8Page - Texas Instruments TM124FBK32F Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TM124FBK32F, TM124FBK32U 1048576 BY 32-BIT DYNAMIC RAM MODULE
TM248GBK32F, TM248GBK32U 2097152 BY 32-BIT DYNAMIC RAM MODULE
SMMS660 – MARCH 1996
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Table 1. Connection Table
DATA BLOCK
RASx
CASx
DATA BLOCK
SIDE 1
SIDE 2†
CASx
DQ0 – DQ7
RAS0
RAS1
CAS0
DQ8 – DQ15
RAS0
RAS1
CAS1
DQ16 – DQ23
RAS2
RAS3
CAS2
DQ24 – DQ31
RAS2
RAS3
CAS3
† Side 2 applies to the TM248GBK32F and the TM248GBK32U.
single in-line memory module and components
PC substrate: 1,27
± 0,1 mm (0.05 inch) nominal thickness; 0.005 inch/inch maximum warpage
Bypass capacitors: Multilayer ceramic
Contact area for TM124FBK32F and TM248GBK32F: Nickel plate and gold plate over copper
Contact area for TM124FBK32U and TM248GBK32U: Nickel plate and tin/lead over copper
functional block diagram ( TM124FBK32F and TM248GBK32F, side 1)
1M
× 16
A0 –A9
DQ0 –
RAS
DQ7
W
LCAS
DQ8 –
UCAS
DQ15
A0 – A9
DQ8 – DQ15
DQ24 – DQ31
W
RAS0
CAS0
CAS1
RAS2
10
10
10
DQ0 – DQ7
DQ16 – DQ23
1M
× 16
A0 –A9
DQ0 –
RAS
DQ7
W
LCAS
DQ8 –
UCAS
DQ15
CAS2
CAS3
functional block diagram ( TM248GBK32F, side 2 )
1M
× 16
A0 –A9
DQ0 –
RAS
DQ7
W
LCAS
DQ8 –
UCAS
DQ15
A0 – A9
DQ0 – DQ7
DQ16 – DQ23
W
RAS1
CAS1
CAS0
RAS3
10
10
10
DQ8 – DQ15
DQ24 – DQ31
1M
× 16
A0 –A9
DQ0 –
RAS
DQ7
W
LCAS
DQ8 –
UCAS
DQ15
CAS3
CAS2


Similar Part No. - TM124FBK32F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124FBK32 TI-TM124FBK32 Datasheet
158Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULES
TM124FBK32-60 TI-TM124FBK32-60 Datasheet
158Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULES
TM124FBK32-70 TI-TM124FBK32-70 Datasheet
158Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULES
TM124FBK32-80 TI-TM124FBK32-80 Datasheet
158Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULES
TM124FBK32H TI1-TM124FBK32H Datasheet
147Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULES
More results

Similar Description - TM124FBK32F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124BBK32 TI-TM124BBK32 Datasheet
354Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36B TI-TM124MBK36B Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBJ36F TI1-TM124MBJ36F Datasheet
164Kb / 10P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32 TI-TM124BBK32 Datasheet
151Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36C TI1-TM124MBK36C Datasheet
160Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM893CBK32 TI-TM893CBK32 Datasheet
119Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBJ32F TI-TM124BBJ32F Datasheet
143Kb / 10P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM8SK64JPN TI1-TM8SK64JPN Datasheet
206Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??SODIMM
TM8SK64JPU TI1-TM8SK64JPU Datasheet
218Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??? SODIMM
TM16SM64JBN TI1-TM16SM64JBN Datasheet
190Kb / 12P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ???SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com