Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM124FBK32U-70 Datasheet(PDF) 1 Page - Texas Instruments

Part # TM124FBK32U-70
Description  DYNAMIC RAM MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM124FBK32U-70 Datasheet(HTML) 1 Page - Texas Instruments

  TM124FBK32U-70 Datasheet HTML 1Page - Texas Instruments TM124FBK32U-70 Datasheet HTML 2Page - Texas Instruments TM124FBK32U-70 Datasheet HTML 3Page - Texas Instruments TM124FBK32U-70 Datasheet HTML 4Page - Texas Instruments TM124FBK32U-70 Datasheet HTML 5Page - Texas Instruments TM124FBK32U-70 Datasheet HTML 6Page - Texas Instruments TM124FBK32U-70 Datasheet HTML 7Page - Texas Instruments TM124FBK32U-70 Datasheet HTML 8Page - Texas Instruments TM124FBK32U-70 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TM124FBK32F, TM124FBK32U 1048576 BY 32-BIT DYNAMIC RAM MODULE
TM248GBK32F, TM248GBK32U 2097152 BY 32-BIT DYNAMIC RAM MODULE
SMMS660 – MARCH 1996
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Organization
TM124FBK32F ...1048 576
× 32
TM248GBK32F ...2097 152
× 32
D Single 5-V Power Supply (±10% Tolerance)
D 72-Pin Single In-Line Memory Module
(SIMM) for Use With Socket
D TM124FBK32F – Utilizes Two 16M-Bit
Dynamic Random-Access Memories
(DRAMs) in Plastic Small-Outline J-Lead
(SOJ) Package
D TM248GBK32F – Utilizes Four 16M-Bit
DRAMs in Plastic SOJ Package
D Long Refresh Period
16 ms (1 024 Cycles)
D All Inputs, Outputs, Clocks Fully
TTL-Compatible
D 3-State Output
D Common CAS Control for Eight Common
Data-In and Data-Out Lines in Four Blocks
D Extended Data Out (EDO) Operation With
CAS-Before-RAS ( CBR ), RAS-Only, Hidden
Refresh, and Self Refresh
D Presence Detect
D JEDEC First Generation 72-Pin SIMM
Pinout
D Performance Ranges:
ACCESS
ACCESS ACCESS
EDO
TIME
TIME
TIME
CYCLE
tRAC
tAA
tCAC
tHPC
(MAX)
(MAX)
(MAX)
(MIN)
’124FBK32F-60
60 ns
30 ns
15 ns
25 ns
’124FBK32F-70
70 ns
35 ns
18 ns
30 ns
’124FBK32F-80
80 ns
40 ns
20 ns
35 ns
’248GBK32F-60
60 ns
30 ns
15 ns
25 ns
’248GBK32F-70
70 ns
35 ns
18 ns
30 ns
’248GBK32F-80
80 ns
40 ns
20 ns
35 ns
D Low Power Dissipation
D Operating Free-Air Temperature Range
0
°C to 70°C
D Gold-Tabbed Versions Available:
TM124FBK32F
TM248GBK32F
D Tin-Lead Solder-Tabbed Versions Available:
TM124FBK32U
TM248GBK32U
description
TM124FBK32F
The TM124FBK32F is a 4M-byte DRAM organized as four times 1 048 576
× 8 in a 72-pin SIMM. The SIMM is
composed of two TMS418169DZ 1 048 576
× 16-bit DRAMs, each in a 42-lead plastic SOJ package mounted
on a substrate with decoupling capacitors. The TMS418169DZ is described in the TMS418169 data sheet
(literature number SMKS886). The TM124FBK32F SIMM is available in the single-sided BK-leadless module
for use with sockets.
TM248GBK32F
The TM248GBK32F is an 8M-byte DRAM organized as four times 2 097 152
× 8 in a 72-pin SIMM. The SIMM
is composed of four TMS418169DZ 1 048 576
× 16-bit DRAMs, each in a 42-lead plastic SOJ package mounted
on a substrate with decoupling capacitors. The TMS418169DZ is described in the TMS418169 data sheet
(literature number SMKS886). The TM248GBK32F SIMM is available in the double-sided BK-leadless module
for use with sockets.
operation
The TM124FBK32F operates as two TMS418169DZs connected as shown in the functional block diagram and
in Table 1. The TM248GBK32F operates as four TMS418169DZs connected as shown in the functional block
diagram and in Table 1. The common I / O feature dictates the use of early-write cycles to prevent contention
on D and Q.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
† Part numbers in this data sheet are for the gold-tabbed version; the information applies to both gold-tabbed and solder-tabbed versions.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1996, Texas Instruments Incorporated


Similar Part No. - TM124FBK32U-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124FBK32 TI-TM124FBK32 Datasheet
158Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULES
TM124FBK32-60 TI-TM124FBK32-60 Datasheet
158Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULES
TM124FBK32-70 TI-TM124FBK32-70 Datasheet
158Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULES
TM124FBK32-80 TI-TM124FBK32-80 Datasheet
158Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULES
TM124FBK32H TI1-TM124FBK32H Datasheet
147Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULES
More results

Similar Description - TM124FBK32U-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124BBK32 TI-TM124BBK32 Datasheet
354Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36B TI-TM124MBK36B Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBJ36F TI1-TM124MBJ36F Datasheet
164Kb / 10P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32 TI-TM124BBK32 Datasheet
151Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36C TI1-TM124MBK36C Datasheet
160Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM893CBK32 TI-TM893CBK32 Datasheet
119Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBJ32F TI-TM124BBJ32F Datasheet
143Kb / 10P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM8SK64JPN TI1-TM8SK64JPN Datasheet
206Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??SODIMM
TM8SK64JPU TI1-TM8SK64JPU Datasheet
218Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??? SODIMM
TM16SM64JBN TI1-TM16SM64JBN Datasheet
190Kb / 12P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ???SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com