Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM124MBK36S Datasheet(PDF) 4 Page - Texas Instruments

Part # TM124MBK36S
Description  DYNAMIC RAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM124MBK36S Datasheet(HTML) 4 Page - Texas Instruments

  TM124MBK36S Datasheet HTML 1Page - Texas Instruments TM124MBK36S Datasheet HTML 2Page - Texas Instruments TM124MBK36S Datasheet HTML 3Page - Texas Instruments TM124MBK36S Datasheet HTML 4Page - Texas Instruments TM124MBK36S Datasheet HTML 5Page - Texas Instruments TM124MBK36S Datasheet HTML 6Page - Texas Instruments TM124MBK36S Datasheet HTML 7Page - Texas Instruments TM124MBK36S Datasheet HTML 8Page - Texas Instruments TM124MBK36S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TM124MBK36C, TM124MBK36S 1048576 BY 36-BIT
TM248NBK36C, TM248NBK36S 2097152 BY 36-BIT
DYNAMIC RAM MODULE
SMMS138B – MARCH 1992 – REVISED JUNE 1995
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Table 1. Connection Table
DATA BLOCK
RASx
CASx
DATA BLOCK
SIDE 1
SIDE 2†
CASx
DQ0 – DQ7
DQ8
RAS0
RAS0
RAS1
RAS1
CAS0
CAS0
DQ9 – DQ16
DQ17
RAS0
RAS0
RAS1
RAS1
CAS1
CAS1
DQ18 – DQ25
DQ26
RAS2
RAS2
RAS3
RAS3
CAS2
CAS2
DQ27 – DQ34
DQ35
RAS2
RAS2
RAS3
RAS3
CAS3
CAS3
† Side 2 applies to the TM248NBK36C only.
single-in-line memory module and components
PC substrate: 1,27
± 0,1 mm (0.05 inch) nominal thickness; 0.005 inch/inch maximum warpage
Bypass capacitors: Multilayer ceramic
Contact area for TM124MBK36C and TM248NBK36C: Nickel plate and gold plate over copper
Contact area for TM124MBK36S and TM248NBK36S: Nickel plate and tin-lead over copper


Similar Part No. - TM124MBK36S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124MBK36B TI-TM124MBK36B Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36B-60 TI-TM124MBK36B-60 Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36B-70 TI-TM124MBK36B-70 Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36B-80 TI-TM124MBK36B-80 Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36E TI1-TM124MBK36E Datasheet
175Kb / 12P
[Old version datasheet]   36-BIT DYNAMIC RAM MODULE
More results

Similar Description - TM124MBK36S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124BBK32 TI-TM124BBK32 Datasheet
354Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36B TI-TM124MBK36B Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBJ36F TI1-TM124MBJ36F Datasheet
164Kb / 10P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32 TI-TM124BBK32 Datasheet
151Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124FBK32F TI1-TM124FBK32F Datasheet
141Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
TM893CBK32 TI-TM893CBK32 Datasheet
119Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBJ32F TI-TM124BBJ32F Datasheet
143Kb / 10P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM8SK64JPN TI1-TM8SK64JPN Datasheet
206Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??SODIMM
TM8SK64JPU TI1-TM8SK64JPU Datasheet
218Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??? SODIMM
TM16SM64JBN TI1-TM16SM64JBN Datasheet
190Kb / 12P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ???SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com