Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM124BBK32H-60 Datasheet(PDF) 7 Page - Texas Instruments

Part # TM124BBK32H-60
Description  DYNAMIC RAM MODULES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM124BBK32H-60 Datasheet(HTML) 7 Page - Texas Instruments

  TM124BBK32H-60 Datasheet HTML 1Page - Texas Instruments TM124BBK32H-60 Datasheet HTML 2Page - Texas Instruments TM124BBK32H-60 Datasheet HTML 3Page - Texas Instruments TM124BBK32H-60 Datasheet HTML 4Page - Texas Instruments TM124BBK32H-60 Datasheet HTML 5Page - Texas Instruments TM124BBK32H-60 Datasheet HTML 6Page - Texas Instruments TM124BBK32H-60 Datasheet HTML 7Page - Texas Instruments TM124BBK32H-60 Datasheet HTML 8Page - Texas Instruments TM124BBK32H-60 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TM124BBK32H, TM124BBK32I 1048576 BY 32-BIT
TM248CBK32H, TM248CBK32I 2097152 BY 32-BIT
DYNAMIC RAM MODULES
SMMS679 – MARCH 1997
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
’124BBK32H / I - 50
’248CBK32H / I - 50
’124BBK32H / I - 60
’248CBK32H / I - 60
’124BBK32H / I - 70
’248CBK32H / I - 70
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tWCH
Hold time, W low after CAS low
10
10
15
ns
tCHR
Delay time, RAS low to CAS high (CBR refresh
only)
10
10
10
ns
tCRP
Delay time, CAS high to RAS low
5
5
5
ns
tCSH
Delay time, RAS low to CAS high
50
60
70
ns
tCSR
Delay time, CAS low to RAS low (CBR refresh only)
5
5
5
ns
tRAD
Delay time, RAS low to column address
(see Note 10)
13
25
15
30
15
35
ns
tRAL
Delay time, column address to RAS high
25
30
35
ns
tCAL
Delay time, column address to CAS high
25
30
35
ns
tRCD
Delay time, RAS low to CAS low (see Note 10)
18
37
20
45
20
52
ns
tRPC
Delay time, RAS high to CAS low (CBR only)
5
5
5
ns
tRSH
Delay time, CAS low to RAS high
13
15
18
ns
tREF
Refresh time interval
16
16
16
ms
tT
Transition time
2
30
2
30
2
30
ns
NOTE 10: The maximum value is specified only to ensure access time.
device symbolization (TM124BBK32H/I illustrated)
TM124BBK32H
-SS
YYMMT
YY = Year Code
MM = Month Code
T = Assembly Site Code
-SS = Speed Code
NOTE A: Location of symbolization may vary.


Similar Part No. - TM124BBK32H-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124BBK32 TI-TM124BBK32 Datasheet
354Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32 TI-TM124BBK32 Datasheet
151Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32-60 TI-TM124BBK32-60 Datasheet
354Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32-60 TI-TM124BBK32-60 Datasheet
151Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32-70 TI-TM124BBK32-70 Datasheet
354Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
More results

Similar Description - TM124BBK32H-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124FBK32H TI1-TM124FBK32H Datasheet
147Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULES
TM497BBK32H TI1-TM497BBK32H Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
TM124FBK32 TI-TM124FBK32 Datasheet
158Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULES
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com