Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR1000 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # PR1000
Description  PHOTOFLASH RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

PR1000 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  PR1000 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd PR1000 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
(1) Test conditions: I
F=0.5A, IR=1.0A, IRR=0.25A
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
Symbols
PR1000
PR1200
PR1400
PR1600
PR1800
Units
Maximum repetitive peak reverse voltage
V
RRM
1000
1200
1400
1600
1800
Volts
Maximum RMS voltage
V
RMS
700
840
980
1120
1260
Volts
Maximum DC blocking voltage
V
DC
1000
1200
1400
1600
1800
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at T
A=55
I
(AV)
100
mAmps
Peak forward surge current
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
I
FSM
20.0
Amps
Maximum instantaneous forward voltage at 0.1A DC
V
F
1.5
Volts
Maximum DC reverse current
at rated DC blocking voltage
T
A=25
I
R
5.0
A
Maximum reverse recovery time (Note 1)
T
rr
300.0
nS
Typical junction capacitance (Note 2)
C
j
10
F
Operating and storage temperature range
T
J, TSTG
-65 to +175
Features
Mechanical Data
PR1000 THRU PR1800
PHOTOFLASH RECTIFIER
Reverse Voltage - 1000 to 1800 Volts
Forward Current - 0.1 Ampere
Fast switching
Low leakage
Low forward voltage drop
High current capability
High surge capability
High reliability
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: MIL-STD-202E method 208C guaranteed
Mounting Position: Any
Weight: 0.012 ounce, 0.335 gram
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.165
0.205
4.2
5.2
B
0.079
0.106
2.0
2.7
C
0.028
0.034
0.71
0.86
D
1.000
-
25.40
-


Similar Part No. - PR1000

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PR1000 GOOD-ARK-PR1000 Datasheet
49Kb / 2P
   PHOTOFLASH RECTIFIER
logo
MIC GROUP RECTIFIERS
PR1000 MIC-PR1000 Datasheet
142Kb / 2P
   PHOTOFLASH RECTIFIER
logo
Chenmko Enterprise Co. ...
PR1000FPT CHENMKO-PR1000FPT Datasheet
77Kb / 2P
   PHOTOFLASH RECTIFIER
PR1000PT CHENMKO-PR1000PT Datasheet
75Kb / 2P
   PHOTOFLASH RECTIFIER
logo
GOOD-ARK Electronics
PR1000R GOOD-ARK-PR1000R Datasheet
49Kb / 2P
   PHOTOFLASH RECTIFIER
More results

Similar Description - PR1000

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PR1000 GOOD-ARK-PR1000 Datasheet
49Kb / 2P
   PHOTOFLASH RECTIFIER
logo
MIC GROUP RECTIFIERS
PR1000 MIC-PR1000 Datasheet
142Kb / 2P
   PHOTOFLASH RECTIFIER
logo
Chenmko Enterprise Co. ...
PR1000FPT CHENMKO-PR1000FPT Datasheet
77Kb / 2P
   PHOTOFLASH RECTIFIER
PR1000PT CHENMKO-PR1000PT Datasheet
75Kb / 2P
   PHOTOFLASH RECTIFIER
logo
GOOD-ARK Electronics
PR1000R GOOD-ARK-PR1000R Datasheet
49Kb / 2P
   PHOTOFLASH RECTIFIER
logo
Vishay Siliconix
GHR16 VISHAY-GHR16 Datasheet
28Kb / 2P
   Photoflash Rectifier
22-Feb-02 1
GHR16 VISHAY-GHR16_09 Datasheet
66Kb / 4P
   Photoflash Rectifier
Revision: 10-Nov-09
logo
Nantong Hornby Electron...
1F1X HORNBY-1F1X Datasheet
219Kb / 3P
   PHOTOFLASH FAST RECOVERY RECTIFIER
RL1N1X00F HORNBY-RL1N1X00F Datasheet
236Kb / 3P
   PHOTOFLASH FAST RECOVERY RECTIFIER
logo
Vishay Siliconix
GHR16 VISHAY-GHR16_V01 Datasheet
81Kb / 4P
   Photoflash Fast Plastic Rectifier
02-Oct-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com