Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS37F158LGIDBTRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS37F158LGIDBTRG4
Description  CONTROLLER ENTRY DEVICE WITH INTEGRATED DST80 AUTHENTICATION, EEPROM, AND LF IMMOBILIZER INTERFACE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS37F158LGIDBTRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TMS37F158LGIDBTRG4 Datasheet HTML 1Page - Texas Instruments TMS37F158LGIDBTRG4 Datasheet HTML 2Page - Texas Instruments TMS37F158LGIDBTRG4 Datasheet HTML 3Page - Texas Instruments TMS37F158LGIDBTRG4 Datasheet HTML 4Page - Texas Instruments TMS37F158LGIDBTRG4 Datasheet HTML 5Page - Texas Instruments TMS37F158LGIDBTRG4 Datasheet HTML 6Page - Texas Instruments TMS37F158LGIDBTRG4 Datasheet HTML 7Page - Texas Instruments TMS37F158LGIDBTRG4 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DBT PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
21
22
23
24
25
26
27
28
29
30
TDAT
TEN
EOB
NPOR
PUSH
BUSY
P2.3
P2.4
P1.0
P1.1
TCLK
RF
VCL
GND
VBAT
VBATI
P2.2
P2.0
RESET
XIN
11
12
13
14
15
P1.2
P1.4
P1.5
P1.6
P1.7
16
17
18
19
20
XOUT
VSS
P2.5
VCC
TEST
TMS37F158
SCBS877 – MAY 2012
www.ti.com
The CED80 manages the immobilizer communication and push-button interaction. During sleep state, the device
enters a special low-power mode with only 60 nA of current consumption. By sensing the pressing of a push
button, the device wakes up and controls an external UHF transmitter or UHF transceiver. Security keys and
rolling codes can be stored in the integrated EEPROM memory. This memory is accessible over the LF interface
without support from the battery in the keyfob or by the internal microcontroller if the battery is functional. The
CED80 offers a special battery-charge mode; to achieve faster charging, it is recommend to add a charging
amplifier device on the base station side. The external resonant circuit with an LF coil and a resonant capacitor
can be trimmed to the correct resonant frequency with the integrated trimming capability, which eliminates part
tolerances.
The small DBT 30-pin package together with only a few external components results in cost-efficient design.
Ordering Information(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
–40°C to 85°C
TSSOP – DBT
TMS37F158LGIDBTRG4
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TMS37F158


Similar Part No. - TMS37F158LGIDBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS37F128 TI1-TMS37F128 Datasheet
589Kb / 10P
[Old version datasheet]   CONTROLLER REMOTE ACCESS IDENTIFICATION DEVICE (CRAID) WITH INTEGRATED MICROCONTROLLER, 3D WAKEUP RECEIVER, AND IMMOBILIZER INTERFACE
TMS37F128D3IDBTRG4 TI1-TMS37F128D3IDBTRG4 Datasheet
589Kb / 10P
[Old version datasheet]   CONTROLLER REMOTE ACCESS IDENTIFICATION DEVICE (CRAID) WITH INTEGRATED MICROCONTROLLER, 3D WAKEUP RECEIVER, AND IMMOBILIZER INTERFACE
TMS37F136 TI-TMS37F136 Datasheet
59Kb / 1P
[Old version datasheet]   Controller Entry Transponder IC
More results

Similar Description - TMS37F158LGIDBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS37145 TI1-TMS37145 Datasheet
104Kb / 5P
[Old version datasheet]   DIGITAL SIGNATURE TRANSPONDER WITH INTEGRATED DST80 AUTHENTICATION, EEPROM, AND LF IMMOBILIZER
TMS37F128 TI1-TMS37F128 Datasheet
589Kb / 10P
[Old version datasheet]   CONTROLLER REMOTE ACCESS IDENTIFICATION DEVICE (CRAID) WITH INTEGRATED MICROCONTROLLER, 3D WAKEUP RECEIVER, AND IMMOBILIZER INTERFACE
logo
Melexis Microelectronic...
MLX74190 MELEXIS-MLX74190 Datasheet
493Kb / 14P
   Two-Fold High Power LF Initiator With integrated Immobilizer
logo
Texas Instruments
TMS37126 TI1-TMS37126 Datasheet
490Kb / 10P
[Old version datasheet]   REMOTE ACCESS IDENTIFICATION DEVICEWITH INTEGRATED 3D WAKEUP RECEIVER AND IMMOBILIZER INTERFACE
TMS37157 TI-TMS37157 Datasheet
1Mb / 47P
[Old version datasheet]   PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
TMS37157 TI-TMS37157_11 Datasheet
1Mb / 47P
[Old version datasheet]   PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
logo
Maxim Integrated Produc...
DS2704 MAXIM-DS2704 Datasheet
227Kb / 18P
   1280-Bit EEPROM with SHA-1 Authentication
011206
MAX5969D MAXIM-MAX5969D Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
19-5926; Rev 0; 6/11
logo
STMicroelectronics
STHS4257A STMICROELECTRONICS-STHS4257A Datasheet
197Kb / 18P
   IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
logo
Maxim Integrated Produc...
MAX5972A MAXIM-MAX5972A Datasheet
1Mb / 13P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com