Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS37F158LGIDBTRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS37F158LGIDBTRG4
Description  CONTROLLER ENTRY DEVICE WITH INTEGRATED DST80 AUTHENTICATION, EEPROM, AND LF IMMOBILIZER INTERFACE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS37F158LGIDBTRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TMS37F158LGIDBTRG4 Datasheet HTML 1Page - Texas Instruments TMS37F158LGIDBTRG4 Datasheet HTML 2Page - Texas Instruments TMS37F158LGIDBTRG4 Datasheet HTML 3Page - Texas Instruments TMS37F158LGIDBTRG4 Datasheet HTML 4Page - Texas Instruments TMS37F158LGIDBTRG4 Datasheet HTML 5Page - Texas Instruments TMS37F158LGIDBTRG4 Datasheet HTML 6Page - Texas Instruments TMS37F158LGIDBTRG4 Datasheet HTML 7Page - Texas Instruments TMS37F158LGIDBTRG4 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LF Immobilizer
Antenna
Charging
Amplifier
UHF
antenna
Up to 13 ft (4 m)
cable length
Embedded
Processor
Power Supply
Load Drivers
Current
Measurement
Key fob side
Car side
LF
Base Station
TMS3705-Q1
UHF Transceiver
or
UHF Receiver
CC11x1-Q1
System Supply
GIO
GIO
GIO
SPI
UHF Transmitter or
UHF Transceiver
CC11x1-Q1
Controller
Entry Device
(Immobilizer and
Microcontroller)
CED80
1D LF
Antenna
Push
Buttons
LED
Optional for
battery charge
SPI
Internal
SPI
Interface
USART0
UART,
SPI Mode
LF
Controller
EEPROM
External
LF
Interface
Authentication
Coprocessor
Analog Frontend
P1.x
P2.x
I/O Port
P1
7 I/Os
I/O Port
P2
5 I/Os
I/O Port
P3
4 Internal
I/Os
XIN
XOUT
Comp_A
POR
ACLK
SMCLK
Oscillator
Clock
System
DMA
Controller
3 Channel
8MHz
CPU
incl. 16
Registers
Bus
Control
Logic
MAB
MDB
Flash
8KB
+
256B
RAM
256B
Timer_A3
3 CC
Registers
Watchdog
15,16 Bit
JTAG
Interface
TMS37F158
www.ti.com
SCBS877 – MAY 2012
Functional Block Diagram
Figure 1. Application Diagram
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TMS37F158


Similar Part No. - TMS37F158LGIDBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS37F128 TI1-TMS37F128 Datasheet
589Kb / 10P
[Old version datasheet]   CONTROLLER REMOTE ACCESS IDENTIFICATION DEVICE (CRAID) WITH INTEGRATED MICROCONTROLLER, 3D WAKEUP RECEIVER, AND IMMOBILIZER INTERFACE
TMS37F128D3IDBTRG4 TI1-TMS37F128D3IDBTRG4 Datasheet
589Kb / 10P
[Old version datasheet]   CONTROLLER REMOTE ACCESS IDENTIFICATION DEVICE (CRAID) WITH INTEGRATED MICROCONTROLLER, 3D WAKEUP RECEIVER, AND IMMOBILIZER INTERFACE
TMS37F136 TI-TMS37F136 Datasheet
59Kb / 1P
[Old version datasheet]   Controller Entry Transponder IC
More results

Similar Description - TMS37F158LGIDBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS37145 TI1-TMS37145 Datasheet
104Kb / 5P
[Old version datasheet]   DIGITAL SIGNATURE TRANSPONDER WITH INTEGRATED DST80 AUTHENTICATION, EEPROM, AND LF IMMOBILIZER
TMS37F128 TI1-TMS37F128 Datasheet
589Kb / 10P
[Old version datasheet]   CONTROLLER REMOTE ACCESS IDENTIFICATION DEVICE (CRAID) WITH INTEGRATED MICROCONTROLLER, 3D WAKEUP RECEIVER, AND IMMOBILIZER INTERFACE
logo
Melexis Microelectronic...
MLX74190 MELEXIS-MLX74190 Datasheet
493Kb / 14P
   Two-Fold High Power LF Initiator With integrated Immobilizer
logo
Texas Instruments
TMS37126 TI1-TMS37126 Datasheet
490Kb / 10P
[Old version datasheet]   REMOTE ACCESS IDENTIFICATION DEVICEWITH INTEGRATED 3D WAKEUP RECEIVER AND IMMOBILIZER INTERFACE
TMS37157 TI-TMS37157 Datasheet
1Mb / 47P
[Old version datasheet]   PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
TMS37157 TI-TMS37157_11 Datasheet
1Mb / 47P
[Old version datasheet]   PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
logo
Maxim Integrated Produc...
DS2704 MAXIM-DS2704 Datasheet
227Kb / 18P
   1280-Bit EEPROM with SHA-1 Authentication
011206
MAX5969D MAXIM-MAX5969D Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
19-5926; Rev 0; 6/11
logo
STMicroelectronics
STHS4257A STMICROELECTRONICS-STHS4257A Datasheet
197Kb / 18P
   IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
logo
Maxim Integrated Produc...
MAX5972A MAXIM-MAX5972A Datasheet
1Mb / 13P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com