Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE211 Datasheet(PDF) 5 Page - Texas Instruments

Part # TNETE211
Description  ThunderLANE TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR 100VG-AnyLAN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE211 Datasheet(HTML) 5 Page - Texas Instruments

  TNETE211 Datasheet HTML 1Page - Texas Instruments TNETE211 Datasheet HTML 2Page - Texas Instruments TNETE211 Datasheet HTML 3Page - Texas Instruments TNETE211 Datasheet HTML 4Page - Texas Instruments TNETE211 Datasheet HTML 5Page - Texas Instruments TNETE211 Datasheet HTML 6Page - Texas Instruments TNETE211 Datasheet HTML 7Page - Texas Instruments TNETE211 Datasheet HTML 8Page - Texas Instruments TNETE211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TNETE211
ThunderLAN
™ TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR
100VG-AnyLAN
SPWS019 – MAY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Pin Functions (Continued)
PIN
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
CONFIGURATION PINS (WIRE TYPE)
CONFIG0
CONFIG1
CONFIG2
CONFIG3
28
29
30
31
I
Configuration. CONFIG[0–3] indicate the current wire configuration of the PMI.
PHYSICAL MEDIA DEPENDENT (PMD) PINS (PINS CONNECTING TO THE IEEE 802.12-COMPLIANT PMD DEVICE)
PMRST
33
O
PMD reset/detect. PMRST, when seen low, resets the PMD.
PTLS0
PTLS1
PTLS2
35
36
37
O
Transmit line status. The PTLS[0–2] pins are used to set the current transmit line state.
PRLS0
PRLS1
PRLS2
PRLS3
39
40
41
42
I
Receive line state. The PRLS[0–3] pins are used to determine the current receive-line state from the
PMD.
PRLSDIR
44
I
PMD RLS direct. When the PRLSDIR pin is asserted high, this pin allows the TNETE211 PMD pins
to directly connect to the IEEE 802.12 MII interface. When low, this pin allows the TNETE211 PMD pins
to directly connect to the AT&T ATT2X01.
PRXCLK
46
I
Receive data clock. PRXCLK is the receive data clock reference.
PRXD0
PRXD1
PRXD2
PRXD3
48
49
50
51
I
Receive data. PRXD[0–3] are used to transfer the data streams received from the PMD.
PTXD0
PTXD1
PTXD2
PTXD3
53
54
55
56
O
Transmit data. PTXD0[0–3] transmit data to the PMD device.
POSCEN
58
O
Oscillator enable. POSCEN is used to enable the TNET211 30-MHz oscillator. When POSCEN is high,
the oscillator is driven to the TNETE211. When POSCEN is low, the oscillator is disabled. The
POSCEN is mainly used for power-down functions.
PTXEN
60
O
Transmit enable. PTXEN indicates valid data on the PTXD[0–3] pins.
PRXEN
61
O
Receive enable. PRXEN causes the PMD to drive the received data to the PRXD[0–3] pins.
PTLSWEN
62
O
Transmit line state write enable. PTLSWEN indicates when the PTLS[0–2] pins are valid.
PRLSREN
63
O
Receive line state read enable. PRLSREN indicates when the PRLS[0–3] pins are valid.
CLK
65
I
Main clock. CLK is the 30-MHz clock pin used to drive all internal transmit and line state control
functions.
DEVSEL0
DEVSEL1
DEVSEL2
DEVSEL3
DEVSEL4
67
68
69
70
71
I
Device select. DEVSEL[0–4] are used for PMI device selection. The device number in the MII is
compared with these pins for the MII read-and-write operations.
† I = input, O = output, I / O = 3-state input / output


Similar Part No. - TNETE211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE2101 TI-TNETE2101 Datasheet
497Kb / 39P
[Old version datasheet]   10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
TNETE2101APZ TI-TNETE2101APZ Datasheet
497Kb / 39P
[Old version datasheet]   10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
TNETE2101PZ TI-TNETE2101PZ Datasheet
497Kb / 39P
[Old version datasheet]   10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
TNETE2101PZ-R TI-TNETE2101PZ-R Datasheet
497Kb / 39P
[Old version datasheet]   10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
More results

Similar Description - TNETE211

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
NT803-043 DATATRONICS-NT803-043 Datasheet
76Kb / 1P
   100VG-AnyLAN Filter Module
NT803-021 DATATRONICS-NT803-021 Datasheet
52Kb / 1P
   100VG-AnyLAN Filter Module
NT803-011 DATATRONICS-NT803-011 Datasheet
68Kb / 1P
   100VG-AnyLAN Filter Module
NT803-031 DATATRONICS-NT803-031 Datasheet
62Kb / 1P
   100VG-AnyLAN Filter Module
logo
M/A-COM Technology Solu...
02009-LTB-001-A MA-COM-02009-LTB-001-A Datasheet
23Kb / 2P
   Mindspeed Technologies Physical Medium Dependent Product
logo
Texas Instruments
TNETE100APCM TI1-TNETE100APCM Datasheet
363Kb / 26P
[Old version datasheet]   SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
logo
National Semiconductor ...
CS4103 NSC-CS4103 Datasheet
423Kb / 24P
   IEEE P1394a Physical Layer Device
logo
Agilent(Hewlett-Packard...
HFBR-5106 HP-HFBR-5106 Datasheet
265Kb / 15P
   100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com