Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC2406 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPIC2406
Description  INTELLIGENT-POWER QUAD MOSFET LATCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2406 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPIC2406 Datasheet HTML 5Page - Texas Instruments TPIC2406 Datasheet HTML 6Page - Texas Instruments TPIC2406 Datasheet HTML 7Page - Texas Instruments TPIC2406 Datasheet HTML 8Page - Texas Instruments TPIC2406 Datasheet HTML 9Page - Texas Instruments TPIC2406 Datasheet HTML 10Page - Texas Instruments TPIC2406 Datasheet HTML 11Page - Texas Instruments TPIC2406 Datasheet HTML 12Page - Texas Instruments TPIC2406 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TPIC2406
INTELLIGENT POWER QUAD MOSFET LATCH
SLIS012 − D3378, FEBRUARY 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−11
THERMAL INFORMATION
1.5
1
0.5
0
025
50
2
2.5
3
75
100
125
150
FREE-AIR TEMPERATURE
DISSIPATION DERATING CURVE
TA − Free-Air Temperature − °C
Derating Factor = 20 mW/
°C
RθJA = 50°C/W
Figure 12
0.1
0.001
0.01
0.1
1
10
100
Figure 13
1
t − On Time − s
TRANSIENT THERMAL IMPEDANCE
vs
ON TIME
10
100
1000
Single Pulse
d = 2 %
d = 5 %
d = 10 %
d = 20 %
d = 50 %
tw
tc
ID
0
The single-pulse curve in Figure 11 represents measured data.
The curves for various pulse durations are based on the
following equation:
Zq
JA +
tw
tc
Rq
JA )
1
*
tw
tc
Zq(t
w ) t c)
) Zq
(tw) *
Zq(t
c)
Zq(t
w
)
Zq(t
c
)
= the single-pulse thermal impedance
for t = tw seconds
= the single-pulse thermal impedance
for t = tc seconds
Zq(tw ) tc)= the single-pulse thermal impedance
for t = tw + tc seconds
Where:
d = tw/tc


Similar Part No. - TPIC2406

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401KTA TI1-TPIC2401KTA Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2404 TI-TPIC2404 Datasheet
88Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
TPIC2404 TI-TPIC2404 Datasheet
90Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
More results

Similar Description - TPIC2406

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
F5033 FUJI-F5033 Datasheet
106Kb / 12P
   INTELLIGENT POWER MOSFET
logo
STMicroelectronics
L9349 STMICROELECTRONICS-L9349 Datasheet
285Kb / 12P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
logo
National Semiconductor ...
100355 NSC-100355 Datasheet
148Kb / 10P
   Low Power Quad Multiplexer/Latch
logo
STMicroelectronics
L9332 STMICROELECTRONICS-L9332 Datasheet
255Kb / 17P
   Quad intelligent power low side switch
logo
Texas Instruments
TPIC2404 TI-TPIC2404 Datasheet
88Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
logo
Texas Instruments
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9349-LF STMICROELECTRONICS-L9349-LF Datasheet
267Kb / 17P
   Quad intelligent power low side switch
IPS4260L STMICROELECTRONICS-IPS4260L Datasheet
834Kb / 29P
   Quad low-side intelligent power switch
Rev 5 - July 2021
logo
Motorola, Inc
MC10168 MOTOROLA-MC10168 Datasheet
73Kb / 4P
   Quad Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com