Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1AJ Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # US1AJ
Description  Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

US1AJ Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  US1AJ Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd US1AJ Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.3± 0.1
1.3± 0.2
0.2± 0.05
5.6± 0.2
Ratings at 25
oC ambient temperature unless otherwise specified
US1DJ US1GJ US1JJ US1KJ US1MJ
US1D
US1G
US1J
US1K
US1M
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRWS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average f orw ard rectif ied current at
T
L=110
OC
IF(AV)
A
Peak f orw ard surge current 8.3ms single half -
sine-w ave superimposed on rated load(JEDEC
Method)
IFSM
A
Maximum instantaneous f orward voltage at1.0A
VF
V
Maximum DC reverse current
@T
A=25
oC
at rated DC blockjing volt
A=125
o
C
age
@T
Maximum reverse recovery time at I
F=0.5A
I
R=1.0A Irr=0.25A
trr
ns
Typical junction capacitance at 4.0V,1MH
Z
CJ
pF
RθJA
RθJL
Operating temperature range
TJ
oC
Storage temperature range
TSTG
oC
1.0
US1B
Low forward voltage,low power loss
Low profile package
Eas y pick and place
Ultrafas t recovery times for high efficiency
Cas e:JEDEC SMAJ,molded plas tic body over
passivated chip
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
15
30.0
50
1.0
1.7
SMAJ
Maximum thermal resistance (NOTE1)
oC/W
US1BJ
High temperature s oldering:
111
250
oC/10 seconds on terminals
US1AJ
Polarity: Color band denotes cathode end
Weight: 0.003 ounces, 0.084 grams
μΑ
REVERSE VOLTAGE: 50 - 1000 V
FORWARD CURRENT: 1.0 A
Built-in s train relief,ideal for autom ated placem ent
Device marking code
Glas s pas s ivated chip junctions
Plas tic package has underwriters laboratories
vvv
vvflam mability class ification 94V-0
For s urface mount applications
100.0
-55------- +150
5.0
55
20
IR
NOTE: 1.P.C.B.mounted on 0.2X0.2"(5.0X5.0mm) copper pad area
-55------- +150
UNITS
50
100
35
70
50
100
US1A
20
75
Dimensions in millimeters
US1AJ-US1MJ
Surface Mount Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - US1AJ

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
US1AJ DSK-US1AJ Datasheet
81Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results

Similar Description - US1AJ

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com