Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCAP0350 Datasheet(PDF) 3 Page - Maxwell Technologies

Part # BCAP0350
Description  Round, radial mounting design for easy surface mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

BCAP0350 Datasheet(HTML) 3 Page - Maxwell Technologies

  BCAP0350 Datasheet HTML 1Page - Maxwell Technologies BCAP0350 Datasheet HTML 2Page - Maxwell Technologies BCAP0350 Datasheet HTML 3Page - Maxwell Technologies BCAP0350 Datasheet HTML 4Page - Maxwell Technologies BCAP0350 Datasheet HTML 5Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ULTRACAPACITOR
BOOSTCAP®
Page 3
Document number: 1017105.1
maxwell.com
®
DATASHEET
BC SERIES ULTRACAPACITORS
TYPICAL CHARACTERISTICS
THERMAL CHARACTERISTICS
BCAP0310
BCAP0350
Thermal Resistance (R
th, Case to
Ambient), typical2
10.9oC/W
10.9oC/W
Thermal Capacitance (C
th), typical
2
60 J/oC
60 J/oC
80%
90%
100%
110%
120%
130%
140%
150%
160%
170%
180%
-60
-40
-20
0
20
40
60
80
Temperature (°C)
Capacitance
DC ESR
MOUNTING RECOMMENDATIONS
Do not reverse polarity. Please refer to document
number 1008238, available at maxwell.com for
soldering recommendations.
MARKINGS
Products are marked with the following information:
Rated capacitance, rated voltage, product number,
name of manufacturer, positive and negative terminal,
warning marking, serial number.
NOTES
1. Capacitance and ESR
DC measured at 25°C per
Document Number 1007239 available at
www.maxwell.com.
2. Per Maxwell Document 1007239 available at
www.maxwell.com.
3. Maximum Peak current (1 sec) =
4. After 72 hours at 25°C and rated voltage. Initial
leakage current can be higher.
5. Per IEC 62391-2, P
d =
6. P
max =
7. E
max =
8. E
stored = ½ CV
2
9. Cycle per Document Number 10007239 available at
www.maxwell.com.
10. No more than 10% decrease in capacitance from
minimum initial capacitance or 50% increase in ESR
from maximum initial ESR.
11. Absolute maximum voltage non repeated, not to
exceed 1 second.
½ CV
C x ESR
DC + 1
0.12V2
ESR
DC x mass
V2
4 x ESR
DC x mass
½ CV2
3,600 x mass


Similar Part No. - BCAP0350

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
BCAP0350 MAXWELL-BCAP0350 Datasheet
316Kb / 3P
   Electric Double Layer Capacitor Round, solder lead type
BCAP0350 MAXWELL-BCAP0350 Datasheet
1Mb / 5P
   BC SERIES ULTRACAPACITORS
More results

Similar Description - BCAP0350

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-315-HESM ETC2-ANT-315-HESM Datasheet
86Kb / 1P
   Compact design for easy concealment
logo
Taoglas antenna solutio...
FXP543.A.07.A.001 TAOGLAS-FXP543.A.07.A.001 Datasheet
2Mb / 21P
   3M adhesive for easy mounting
logo
Extech Instruments Corp...
TR100 EXTECH-TR100_15 Datasheet
102Kb / 1P
   Compact design for easy portability with durable
logo
Taoglas antenna solutio...
FXP523.A.07.A.001 TAOGLAS-FXP523.A.07.A.001 Datasheet
1Mb / 18P
   3M Adhesive tape for easy mounting
logo
Infineon Technologies A...
V50-14.45M INFINEON-V50-14.45M Datasheet
218Kb / 2P
   Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
V72-14.150M INFINEON-V72-14.150M Datasheet
128Kb / 2P
   Easy mounting for single sided cooling
2012-05-05 Revision: 3.0
logo
XFMRS Inc.
XF2506OB XFMRS-XF2506OB Datasheet
61Kb / 1P
   TRUE SURFACE MOUNT DESIGN
logo
Maxim Integrated Produc...
MAX606EVKIT MAXIM-MAX606EVKIT Datasheet
90Kb / 4P
   Tiny Surface-Mount Design
Rev 1; 1/99
logo
Infineon Technologies A...
V61-14.80M INFINEON-V61-14.80M Datasheet
146Kb / 2P
   Easy mounting for single sided cooling
2012-06-05 Revision: 3.0
logo
XFMRS Inc.
XFSMD1 XFMRS-XFSMD1 Datasheet
65Kb / 2P
   True Surface Mount Design
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com