Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPPM0125 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPPM0125
Description  150-mA LOW DROPOUT REGULATOR WITH POK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPPM0125 Datasheet(HTML) 4 Page - Texas Instruments

  TPPM0125 Datasheet HTML 1Page - Texas Instruments TPPM0125 Datasheet HTML 2Page - Texas Instruments TPPM0125 Datasheet HTML 3Page - Texas Instruments TPPM0125 Datasheet HTML 4Page - Texas Instruments TPPM0125 Datasheet HTML 5Page - Texas Instruments TPPM0125 Datasheet HTML 6Page - Texas Instruments TPPM0125 Datasheet HTML 7Page - Texas Instruments TPPM0125 Datasheet HTML 8Page - Texas Instruments TPPM0125 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TPPM0125
150mA LOW DROPOUT REGULATOR WITH POK
SLVS388 − JULY 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TA= 25°C, VI =5 V, V(EN) = VI, IO = 100 µA, CL =1µF(unless otherwise noted)
regulator VO
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output voltage
IO = 25 mA
1.2
V
VO
Output voltage accuracy
IO = 0
−1%
1%
VO
Output voltage accuracy
IO = 50 mA, TA = 0°C to 70°C (see Note 4)
−2%
2%
IQ
Quiescent supply current
V(EN) ≤ 0.8 V
1
µA
I(GND)
Ground terminal current (see Note 5)
IO = 0
150
A
I(GND)
Ground terminal current (see Note 5)
IO = 150 mA
150
µA
IL
Output load current
150
mA
I(Limit)
Output current limit
VO = 0
160
300
mA
∆V(LNR)
Line regulation
VI = 3 V to 5.25 V
10
mV
∆V(LDR)
Load regulation
IO = 0.1 mA to150 mA, See Note 6
2%
3%
VI − VO
Dropout voltage
IO = 100 µA
1
V
VI − VO
Dropout voltage
IO = 150 mA
1
V
CL
Load capacitance
ESR and capacitance tradeoffs
1
µF
I(REV)
Reverse output current on VI
VI = GND, VO = regulated voltage
50
µA
NOTES:
4. Assured by design, not tested in production.
5. Ground terminal current is the regulator quiescent current drawn from the supply to support the load current.
6. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Devices are tested for load regulation
in the load range from 0.1 mA to 150 mA.
enable input
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIL
Regulated shutdown
VI = 3 V to 5.25 V regulated shutdown
0.8
V
VIH
Regulated enabled
VI = 3 V to 5.25 V regulated enabled
2
V
I(EN)
Enable input current
Shutdown, VIL ≤ 0.8 V
0.01
A
I(EN)
Enable input current
Enabled, VIH ≥ 2 V
0.01
µA
Resistance discharge
V(EN) ≤ 0.8 V
500
thermal protection (see Note 4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
T(SD)
Thermal shutdown
165
°C
T(SDHYS)
Hysteresis
15
°C
NOTE 4: Assured by design, not tested in production.
power okay (see Note 7)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
V(POKLO)
Low threshold
Output falls % of VO (power NOT okay)
85%
V(POKTH)
High threshold
Output reaches % of VO, starts delay timer (power okay)
90%
VOL
VO out of regulation
Fault condition, IOL = 100 µA
0.4
V
Ilkg
Leakage current
VI = 5 V
1
µA
NOTE 7: Power okay is a function of the output voltage being 5% lower than the specified range. The function is a detection of one of the following:
over current, over temperature, or dropout.


Similar Part No. - TPPM0125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0110 TI-TPPM0110 Datasheet
247Kb / 14P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0110DWP TI-TPPM0110DWP Datasheet
247Kb / 14P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0110DWPR TI-TPPM0110DWPR Datasheet
247Kb / 14P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111DWP TI-TPPM0111DWP Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
More results

Similar Description - TPPM0125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN105125 TI1-SN105125_12 Datasheet
533Kb / 15P
[Old version datasheet]   150-mA LOW DROPOUT REGULATOR WITH POK
SN105125 TI-SN105125 Datasheet
201Kb / 13P
[Old version datasheet]   150-mA LOW DROPOUT REGULATOR WITH POK
logo
Diodes Incorporated
AP7165 DIODES-AP7165_10 Datasheet
602Kb / 14P
   600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
AP7167 DIODES-AP7167 Datasheet
251Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
AP7167 Rev. 2
AP7165 DIODES-AP7165 Datasheet
306Kb / 11P
   600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
Diodes Incorporated
AP7168 DIODES-AP7168_10 Datasheet
467Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
DS32019 Rev. 2 - 2
AP7167 DIODES-AP7167_10 Datasheet
494Kb / 14P
   1.2A LOW DROPOUT REGULATOR WITH POK
DS31252 Rev. 7 - 2
AP7168 DIODES-AP7168 Datasheet
252Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
AP7168 Rev. 1
logo
Texas Instruments
TPPM0302 TI-TPPM0302 Datasheet
239Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com