Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS1110D Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS1110D
Description  SINGLE P-CHANNEL LOGIC-LEVEL MOSFETS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1110D Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS1110D Datasheet HTML 2Page - Texas Instruments TPS1110D Datasheet HTML 3Page - Texas Instruments TPS1110D Datasheet HTML 4Page - Texas Instruments TPS1110D Datasheet HTML 5Page - Texas Instruments TPS1110D Datasheet HTML 6Page - Texas Instruments TPS1110D Datasheet HTML 7Page - Texas Instruments TPS1110D Datasheet HTML 8Page - Texas Instruments TPS1110D Datasheet HTML 9Page - Texas Instruments TPS1110D Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TPS1110, TPS1110Y
SINGLE P-CHANNEL LOGIC-LEVEL MOSFETS
SLVS100B – OCTOBER 1994 – REVISED JANUARY 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
– 1
– 0.10
– 0.01
– 0.1
– 1
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
– 10
ID – Drain Current – A
400
300
100
0
0 – 0.7 – 1.4– 2.1 – 2.8– 3.5 – 4.2
500
600
CAPACITANCE
vs
DRAIN-TO-SOURCE VOLTAGE
700
– 4.8– 5.6 – 6.3
200
–7
Coss
VDS – Drain-to-Source Voltage – V
Crss‡
VGS = – 2.7 V
VGS = – 3 V
VGS = – 5 V
VGS = –7 V
TJ = 25°C
VGS = – 4.5 V
– 100
VGS = 0
f = 1 MHz
TJ = 25°C
Ciss†
800
900
1000
Figure 5
Figure 6
Crss + Cgd,Coss + Cds ) Cgd
C
iss +
Cgs ) Cgd,Cds(shorted)
STATIC DRAIN-TO-SOURCE
ON-STATE RESISTANCE (NORMALIZED)
vs
JUNCTION TEMPERATURE
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN VOLTAGE
VSD – Source-to-Drain Voltage – V
TJ – Junction Temperature – °C
– 100
– 1
– 0.1
– 0.1
– 10
TJ = 150°C
TJ = 25°C
TJ = – 40°C
– 10
1.3
1
0.9
0.7
1.4
1.5
1.6
1.2
1.1
0.8
– 50
0
50
100
150
VGS = – 4.5 V
ID = – 6 A
Pulse Test
– 1
VGS = 0
Pulse Test
Figure 7
Figure 8


Similar Part No. - TPS1110D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1100 TI-TPS1100 Datasheet
155Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100D TI-TPS1100D Datasheet
155Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100D TI1-TPS1100D Datasheet
700Kb / 14P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100DG4 TI1-TPS1100DG4 Datasheet
700Kb / 14P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100DR TI1-TPS1100DR Datasheet
700Kb / 14P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results

Similar Description - TPS1110D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN340P FAIRCHILD-FDN340P_07 Datasheet
211Kb / 5P
   Single P-Channel, Logic Level, PowerTrench짰MOSFET
logo
Kersemi Electronic Co.,...
KSMD60N03L KERSEMI-KSMD60N03L Datasheet
1Mb / 6P
   N-Channel Logic Level MOSFETs
logo
Fairchild Semiconductor
FDC658P FAIRCHILD-FDC658P Datasheet
249Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDN340P FAIRCHILD-FDN340P Datasheet
273Kb / 8P
   Single P-Channel, Logic Level, PowerTrench MOSFET
FDS6575 FAIRCHILD-FDS6575 Datasheet
247Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
SI3455DV FAIRCHILD-SI3455DV Datasheet
166Kb / 5P
   Single P-Channel Logic Level PowerTrench MOSFET
FDR858P FAIRCHILD-FDR858P Datasheet
261Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675_07 Datasheet
515Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
SI3457DV FAIRCHILD-SI3457DV Datasheet
85Kb / 5P
   Single P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com