Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84732-0002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 84732-0002
Description  Industrial USB Plugs and Receptacles
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

84732-0002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  84732-0002 Datasheet HTML 1Page - Molex Electronics Ltd. 84732-0002 Datasheet HTML 2Page - Molex Electronics Ltd. 84732-0002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Industrial USB Plugs and
Receptacles
84727 Plug, Type-A
84728 Plug, Type-B
84729 Receptacle, Type-A
84730 Receptacle, Type-B
84732 Double-Ended Cordset
APPLICATIONS
ORDERING INFORMATION
n
Factory Automation
– Industrial Computers
– Industrial Controllers
– Factory Peripherals
– Printers
– Barcode Scanners
n
Robotics
n
Vision Systems
n
Motion and Process Controls
n
Test and Measurement Equipment
n
Medical Devices
n
Factory Networking Installations
n
Production Equipment
Test and Measurement Equipment
USB Type-A
USB Type-B
Length
Order No.
Order No.
84727-1002
84728-1002
1.50m (4.921’)
84727-1001
84728-1001
2.00m (6.561’)
84727-1003
84728-1003
3.00m (9.842’)
84727-1004
84728-1004
5.00m (16.404’)
84727-1005
84728-1005
0.15m (.492’)
USB Plug, Shielded Pigtail
Order No.
Length
84729-0003
0.152m (.498’)
84729-0004
0.80m (2.624’)
84729-0005
1.50m (4.921‘)
84729-0006
2.00m (6.561’)
84729-0007
3.00m (9.842’)
84729-0008
5.00m (16.404’)
USB Type-A Panel Mount Receptacle to Standard
USB Type-A Plug Cordset
USB Type-A Panel Mount Receptacle to Standard USB Type-A Plug
Cordset (Series 84729)
USB Type-A Plug to Pigtail
USB Type-B Plug to Pigtail


Similar Part No. - 84732-0002

ManufacturerPart #DatasheetDescription
logo
MolexKits
84732-0001 MOLEXKITS-84732-0001 Datasheet
38Kb / 2P
   USB Type A and B Shielded Panel Mount Plug, Receptacle and Cable, IP-67
More results

Similar Description - 84732-0002

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0229 MOLEXKITS-76650-0229 Datasheet
21Kb / 3P
   Plugs, Receptacles
76650-0231 MOLEXKITS-76650-0231 Datasheet
22Kb / 3P
   Plugs, Receptacles
logo
List of Unclassifed Man...
PK2-050B04 ETC2-PK2-050B04 Datasheet
1Mb / 12P
   Rugged and Sealed Plugs and Receptacles
logo
MolexKits
76650-0232 MOLEXKITS-76650-0232 Datasheet
21Kb / 3P
   Plugs, Vertical Receptacles
logo
Molex Electronics Ltd.
15040296 MOLEX-15040296 Datasheet
158Kb / 2P
   STRAIN RELIEF FOR MINI-FIT PLUGS AND RECEPTACLES
5556 MOLEX2-5556 Datasheet
875Kb / 2P
   Mini-Fit짰 TPA (Terminal Position Assurance) Plugs and Receptacles
85720-1050 MOLEX-85720-1050 Datasheet
559Kb / 2P
   RJ-45 Industrial Ethernet Plugs and Jacks
1051321001 MOLEX11-1051321001 Datasheet
150Kb / 3P
   Combo External Serial ATA and USB Receptacles
logo
List of Unclassifed Man...
65530WHI ETC2-65530WHI Datasheet
142Kb / 2P
   Plugs and Adaptors
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
   PLUGS AND CABLES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com