Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1843-HIREL Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UC1843-HIREL
Description  CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1843-HIREL Datasheet(HTML) 5 Page - Texas Instruments

  UC1843-HIREL Datasheet HTML 1Page - Texas Instruments UC1843-HIREL Datasheet HTML 2Page - Texas Instruments UC1843-HIREL Datasheet HTML 3Page - Texas Instruments UC1843-HIREL Datasheet HTML 4Page - Texas Instruments UC1843-HIREL Datasheet HTML 5Page - Texas Instruments UC1843-HIREL Datasheet HTML 6Page - Texas Instruments UC1843-HIREL Datasheet HTML 7Page - Texas Instruments UC1843-HIREL Datasheet HTML 8Page - Texas Instruments UC1843-HIREL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ERROR AMP CONFIGURATION
_
+
2.5 V
2
1
VFB
COMP
ZF
ZI
0.5 mA
UNDER-VOLTAGE LOCKOUT
VCC
<17 mA
<1 mA
VOFF
VON
VCC
7
VCC
ON/OFF Command
to REST of IC
VON
VOFF
8.4 V
7.6 V
UC1843-HiRel
www.ti.com .................................................................................................................................................. SLUS896A – AUGUST 2009 – REVISED AUGUST 2009
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise stated, these specifications apply for –55°C
≤ TA ≤ 125°C; VCC = 15 V; RT = 10 kW; CT = 3.3 nF,TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UNDER-VOLTAGE LOCKOUT SECTION
Start Threshold
7.8
8.4
9.0
V
Min. Operating Voltage After Turn On
7.0
7.6
8.2
PWM SECTION
Maximum Duty Cycle
95%
97%
100%
Minimum Duty Cycle
0%
TOTAL STANDBY CURRENT
Start-Up Current
0.5
1
mA
Operating Supply Current
VPIN 2 = VPIN 3 = 0 V
11
17
VCC Zener Voltager
ICC = 25 mA
30
34
V
Error amp can source or sink up to 0.5 mA.
During under-voltage lock-out, the output drive is biased to sink minor amounts of current. Pin 6 should be
shunted to ground with a bleeder resistor to prevent activating the power switch with extraneous leakage
currents.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UC1843-HiRel


Similar Part No. - UC1843-HIREL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1843-HIREL TI-UC1843-HIREL_15 Datasheet
182Kb / 10P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
More results

Similar Description - UC1843-HIREL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1843-HIREL TI-UC1843-HIREL_15 Datasheet
182Kb / 10P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
logo
M/A-COM Technology Solu...
AN3018 MA-COM-AN3018 Datasheet
69Kb / 2P
   Known Good Die Delivery Specification
logo
Texas Instruments
SMJ320C50KGDC TI1-SMJ320C50KGDC Datasheet
119Kb / 7P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMP320C50KGD TI1-TMP320C50KGD_14 Datasheet
153Kb / 8P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMP320C50KGD TI-TMP320C50KGD Datasheet
81Kb / 6P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
SMJ320C30KGDM40C TI1-SMJ320C30KGDM40C Datasheet
133Kb / 10P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
SMJ320C30KGDB TI-SMJ320C30KGDB Datasheet
116Kb / 9P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com