Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3839G33DQNT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3839G33DQNT
Description  Ultra-Low Power, Supply Voltage Supervisor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3839G33DQNT Datasheet(HTML) 2 Page - Texas Instruments

  TPS3839G33DQNT Datasheet HTML 1Page - Texas Instruments TPS3839G33DQNT Datasheet HTML 2Page - Texas Instruments TPS3839G33DQNT Datasheet HTML 3Page - Texas Instruments TPS3839G33DQNT Datasheet HTML 4Page - Texas Instruments TPS3839G33DQNT Datasheet HTML 5Page - Texas Instruments TPS3839G33DQNT Datasheet HTML 6Page - Texas Instruments TPS3839G33DQNT Datasheet HTML 7Page - Texas Instruments TPS3839G33DQNT Datasheet HTML 8Page - Texas Instruments TPS3839G33DQNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TPS3839
SBVS193 – JUNE 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
THRESHOLD VOLTAGE (V)
PACKAGE TYPE
TOP MARKINGS
TPS3839A09DQN
0.900
X2SON
TBD
TPS3839G12DQN
1.120
X2SON
TBD
TPS3839G12DBZ
1.120
SOT23
TBD
TPS3839E16DQN
1.520
X2SON
TBD
TPS3839G18DQN
1.670
X2SON
TBD
TPS3839G18DBZ
1.670
SOT23
TBD
TPS3839L30DBZ
2.630
SOT23
TBD
TPS3839K33DQN
2.930
X2SON
TBD
TPS3839K33DBZ
2.930
SOT23
TBD
TPS3839G33DQN
3.080
X2SON
TBD
TPS3839K50DQN
4.380
X2SON
TBD
TPS3839K50DBZ
4.380
SOT23
TBD
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
MIN
MAX
UNIT
VDD
–0.3
7
V
Voltage
On RESET
–0.3
7
V
Current
RESET pin
5
mA
Continuous total power dissipation
See Thermal Information Table
Operating ambient, TA
–40
+85
°C
Temperature(2)
Storage, Tstg
–65
+150
°C
Human body model (HBM)
2
kV
Electrostatic discharge (ESD) rating:
Charge device model (CDM)
500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
As a result of the low dissipated power in this device, it is assumed that TJ is equal to TA.
THERMAL INFORMATION
TPS3839
THERMAL METRIC(1)
DRY (µSON)
UNITS
6 PINS
θJA
Junction-to-ambient thermal resistance
293.8
θJCtop
Junction-to-case (top) thermal resistance
165.1
θJB
Junction-to-board thermal resistance
160.8
°C/W
ψJT
Junction-to-top characterization parameter
27.3
ψJB
Junction-to-board characterization parameter
65.8
θJCbot
Junction-to-case (bottom) thermal resistance
65.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS3839


Similar Part No. - TPS3839G33DQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3839G33DQNT TI-TPS3839G33DQNT Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
TPS3839G33DQNT TI1-TPS3839G33DQNT Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results

Similar Description - TPS3839G33DQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
ASM690A ONSEMI-ASM690A Datasheet
202Kb / 12P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com