Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1842 Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA1842
Description  3-Mode Surround and Vocal Cancellation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1842 Datasheet(HTML) 4 Page - Sony Corporation

  CXA1842 Datasheet HTML 1Page - Sony Corporation CXA1842 Datasheet HTML 2Page - Sony Corporation CXA1842 Datasheet HTML 3Page - Sony Corporation CXA1842 Datasheet HTML 4Page - Sony Corporation CXA1842 Datasheet HTML 5Page - Sony Corporation CXA1842 Datasheet HTML 6Page - Sony Corporation CXA1842 Datasheet HTML 7Page - Sony Corporation CXA1842 Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
—4—
CXA1842S
C15
10µ
C14
10µ
S7
C12
10µ
C2
10µ
C1
10µ
S5
VIN
C5
0.022µ
C6
0.022µ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
20
21
22
19
V
Electrical Characteristics
(VCC=10V, Ta=25°C)
O...indicates “ON”.
Electrical Characteristics Measurement Circuit
SW conditions
S1 S2 S3 S4 S5 S6 S7
OO
O
OO
O
——— — —— —
O
OO
O
OO
OO
O
OO
No.
Item
Conditions
Min. Typ. Max. Unit
1 No signal current
Vin=GND
2 Lch gain
Vin=2Vrms, f=1kHz
3 Rch gain
4 Channel balance
Lch gain - Rch gain
5 Lch total harmonic distortion
Vin=2Vrms, f=1kHz
6 Rch total harmonic distortion
7 Lch noise level
Vin=GND
8 Rch noise level
9 Channel separation
Vin=2Vrms, f=1kHz
1.6
3.35
5.1
mA
- 3
0
3
dB
- 3
0
3
dB
- 3
0
3
dB
0.07
0.1
%
0.07
0.1
%
- 90
- 80 dBm
- 90
- 80 dBm
55
63
dB


Similar Part No. - CXA1842

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1843Q SONY-CXA1843Q Datasheet
518Kb / 20P
   High-Speed Sample-and-Hold IC
CXA1844Q SONY-CXA1844Q Datasheet
447Kb / 16P
   10-BIT 33MSPS A/D CONVERTER
CXA1845Q SONY-CXA1845Q Datasheet
390Kb / 19P
   I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
   Electronic volume control
CXA1846AN SONY-CXA1846AN Datasheet
161Kb / 10P
   Electronic volume control
More results

Similar Description - CXA1842

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YSS220 ETC1-YSS220 Datasheet
776Kb / 20P
   SURROUND PROCESSOR 3
logo
Rohm
BA3837 ROHM-BA3837 Datasheet
138Kb / 11P
   Vocal fader IC
BA3836 ROHM-BA3836 Datasheet
61Kb / 5P
   Vocal fader IC
logo
Cirrus Logic
WM8281 CIRRUS-WM8281 Datasheet
7Mb / 392P
   Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
logo
PUI audio inc.
AS02804PR-N50-R PUIAUDIO-AS02804PR-N50-R Datasheet
562Kb / 5P
   Paper cone and foam surround
AS02504PR-N50-R PUIAUDIO-AS02504PR-N50-R Datasheet
616Kb / 5P
   Paper cone and rubber surround
AS04004MR-N50-R PUIAUDIO-AS04004MR-N50-R Datasheet
616Kb / 5P
   Silver poly cone and rubber surround
AS04004MR-N50-WP-R PUIAUDIO-AS04004MR-N50-WP-R Datasheet
397Kb / 6P
   Silver poly cone and rubber surround
logo
Sony Corporation
CXA1642P SONY-CXA1642P Datasheet
76Kb / 5P
   VOCAL CANCELLER FOR KARAOKE EQUIPMENT
logo
Renesas Technology Corp
R2S15903SP RENESAS-R2S15903SP Datasheet
303Kb / 12P
   Sound Controller with Surround and AGC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com