Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2920J Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC2920J
Description  ??V to ??5V Hot Swap Power Manager
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2920J Datasheet(HTML) 2 Page - Texas Instruments

  UCC2920J Datasheet HTML 1Page - Texas Instruments UCC2920J Datasheet HTML 2Page - Texas Instruments UCC2920J Datasheet HTML 3Page - Texas Instruments UCC2920J Datasheet HTML 4Page - Texas Instruments UCC2920J Datasheet HTML 5Page - Texas Instruments UCC2920J Datasheet HTML 6Page - Texas Instruments UCC2920J Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UCC2920
UCC3920
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Section
Voltage Input Range - VDD
Minimum < VDD < Maximum (Note 3)
3
5
5.5
V
Voltage Input Range - VSS
Minimum < VSS < Maximum
–13.2
–12
–3
V
VSS Supply Current
0.5
2
mA
VDD Supply Current
0.5
2
mA
Sleep Mode Current
Shutdown = 0.2V
0.5
2
mA
Shunt Clamp Voltage - (VDD - VSS)
I = 2mA to 10mA, Note 3
16.2
18
20
V
Output Section
Voltage Drop
IOUT = 1A
0.1
0.2
V
IOUT = 2A
0.2
0.4
V
IOUT = 3A
0.3
0.6
V
IOUT = 1A, VSS = –3V
0.1
0.2
V
IOUT = 2A, VSS = –3V
0.2
0.4
V
IOUT = 3A, VSS = –3V
0.3
0.6
V
Short Circuit Response
Note 1
20
µS
DAC Section
Trip Current
Code = 000
0
20
µA
Code = 001
0.1
0.25
0.45
A
Code = 010
0.25
0.5
0.75
A
Code = 011
0.75
1
1.25
A
Code = 100
1.25
1.5
1.75
A
Code = 101
1.7
2
2.3
A
Code = 110
2.1
2.5
2.9
A
Code = 111
2.5
3
3.5
A
Maximum Output Current
Code = 000, IMAX = 0.4V
0
20
µA
Code = 011, IMAX = 0.4V
1
2
3
A
Code = 101, IMAX = 0.4V
2
3
4
A
Code = 111, IMAX = 0.4V
2.8
4
5.2
A
IMAX = 2.4V, All Codes
3
4
5.2
A
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specificaiton apply for TA = 0°C to 70°C for the
UCC3920 and TA = –40°C to 85°C for the UCC2920, TA = TJ.
CONNECTION DIAGRAM
DIL-16, SOIC-16 (Top View)
N, DP Package
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage
(VDD). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7V
(VSS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –15V
Maximum Differential Suppy (VDD - VSS). . . . . . . . . . . . . . 18V
Maximum Supply Shunt Current . . . . . . . . . . . . . . . . . . . 20mA
Fault Output Sink Current. . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Fault Output Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Output Current (DC) . . . . . . . . . . . . . . . . . . . . Internally Limited
TTL Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 7V
Storage Temperature . . . . . . . . . . . . . . . . . . .
−65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300°C
Currents are positive into, negative out of the specified terminal.
Pulsed is defined as a less than 10% duty cycle with a maximum
duration of 500
µS. Consult Packaging Section of Databook for
thermal limitations and considerations of packages.
Note: Do Not Connect to GND. * Heat sink connection points -
electronically connected to Vss.
For N Package, pins 4, 12, and 13 are N/C.
2


Similar Part No. - UCC2920J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2921 TI-UCC2921 Datasheet
497Kb / 11P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC2921D TI1-UCC2921D Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC2921DG4 TI1-UCC2921DG4 Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC2921DTR TI1-UCC2921DTR Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC2921DTRG4 TI1-UCC2921DTRG4 Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
More results

Similar Description - UCC2920J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1914 TI-UC1914 Datasheet
652Kb / 14P
[Old version datasheet]   5V to 35V Hot Swap Power Manager
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
UC2914 TI-UC2914 Datasheet
491Kb / 24P
[Old version datasheet]   5-V TO 35-V HOT SWAP POWER MANAGER
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC1919 TI-UCC1919 Datasheet
127Kb / 11P
[Old version datasheet]   3V to 8V Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com