Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3952A-3 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC3952A-3
Description  SINGLE-CELL LITHIUM-LON BATTERY PROTECTION IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3952A-3 Datasheet(HTML) 3 Page - Texas Instruments

  UCC3952A-3 Datasheet HTML 1Page - Texas Instruments UCC3952A-3 Datasheet HTML 2Page - Texas Instruments UCC3952A-3 Datasheet HTML 3Page - Texas Instruments UCC3952A-3 Datasheet HTML 4Page - Texas Instruments UCC3952A-3 Datasheet HTML 5Page - Texas Instruments UCC3952A-3 Datasheet HTML 6Page - Texas Instruments UCC3952A-3 Datasheet HTML 7Page - Texas Instruments UCC3952A-3 Datasheet HTML 8Page - Texas Instruments UCC3952A-3 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UCC3952A-1, UCC3952A-2, UCC3952A-3, UCC3952A-4
SINGLECELL LITHIUMION BATTERY PROTECTION IC
SLUS463C − AUGUST 2000 − REVISED MARCH 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics, TA = −20°C to 70°C, all voltages are with respect to BNEG
(unless otherwise stated)
state transition threshold
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UCC3952A−1
4.15
4.20
4.25
V
UCC3952A−1
TA = 25°C
4.175
4.20
4.235
V
UCC3952A−2
4.20
4.25
4.30
V
VOV
Normal to overcharge voltage
UCC3952A−2
TA = 25°C
4.225
4.25
4.285
V
VOV
Normal to overcharge voltage
UCC3952A−3
4.25
4.30
4.35
V
UCC3952A−3
TA = 25°C
4.275
4.30
4.335
V
UCC3952A−4
4.30
4.35
4.40
V
UCC3952A−4
TA = 25°C
4.325
4.35
4.385
V
UCC3952A−1
3.85
3.90
3.95
V
UCC3952A−1
TA = 25°C
3.87
3.90
3.94
V
UCC3952A−2
3.90
3.95
4.00
V
VOVR
Overcharge to normal recovery voltage
UCC3952A−2
TA = 25°C
3.92
3.95
3.99
V
VOVR
Overcharge to normal recovery voltage
UCC3952A−3
3.95
4.00
4.05
V
UCC3952A−3
TA = 25°C
3.97
4.00
4.04
V
UCC3952A−4
4.00
4.05
4.10
V
UCC3952A−4
TA = 25°C
4.02
4.05
4.09
V
VUV
Normal to undercharge
2.25
2.35
2.45
V
VUV
Normal to undercharge
TA = 25°C
2.26
2.35
2.44
V
VUVR
Undercharge to normal recovery
2.55
2.65
2.75
V
VUVR
Undercharge to normal recovery
TA = 25°C
2.57
2.65
2.73
V
tdOD
Overdischarge delay time
10
25
40
ms
tdOD
Overdischarge delay time
TA = 25°C
13.5
25
36
ms
tdOV
Overvoltage delay time
1.0
1.75
2.5
s
tdOV
Overvoltage delay time
TA = 25°C
1.15
1.75
2.3
s
short circuit protection
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ITHLD
Discharge current limit
PACK+ = 3.7 V
3.5
5
6.5
A
ITHLD
Discharge current limit
PACK+ = 3.7 V,
TA = 25°C
3.8
5
6.3
A
tdDLY
Discharge current delay
PACK+ = 3.7 V,
II = 6.5 A
1
2
3.0
ms
tdDLY
Discharge current delay
PACK+ = 3.7 V,
II = 6.5 A, TA = 25°C
1.05
2
2.9
ms
RRESET
Discharge current reset resistance
PACK+ = 3.7 V
7.5
M
RRESET
Discharge current reset resistance
PACK+ = 3.7 V,
TA = 25°C
7.4
M


Similar Part No. - UCC3952A-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3952 TI-UCC3952 Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
UCC3952- TI-UCC3952- Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
UCC3952-1 TI-UCC3952-1 Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
UCC3952-1 TI-UCC3952-1 Datasheet
101Kb / 8P
[Old version datasheet]   SINGLE-CELL LITHIUM-LON BATTERY PROTECTION IC
UCC3952-2 TI-UCC3952-2 Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
More results

Similar Description - UCC3952A-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3952-1 TI-UCC3952-1 Datasheet
101Kb / 8P
[Old version datasheet]   SINGLE-CELL LITHIUM-LON BATTERY PROTECTION IC
logo
List of Unclassifed Man...
SS6821 ETC1-SS6821 Datasheet
151Kb / 10P
   Single-cell Lithium-lon Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5510D HMSEMI-HM5510D Datasheet
185Kb / 6P
   Single cell lithium battery protection IC
logo
Silicon Standard Corp.
SS6821 SSC-SS6821 Datasheet
157Kb / 10P
   Single-Cell Lithium-Ion Battery Protection IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
   Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
Texas Instruments
UCC3952- TI-UCC3952- Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
logo
E-CMOS Corporation
EC9526A E-CMOS-EC9526A Datasheet
842Kb / 10P
   One-cell Lithium Battery Protection IC
logo
SHENZHEN FUMAN ELECTRON...
FM2115 FUMAN-FM2115 Datasheet
225Kb / 7P
   Single lithium battery protection IC
FM2118 FUMAN-FM2118 Datasheet
179Kb / 7P
   Single lithium battery protection IC
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com