Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1851N Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA1851N
Description  Up/Down Converter for 900 MHz-Band Mobile Communications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1851N Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA1851N Datasheet HTML 4Page - Sony Corporation CXA1851N Datasheet HTML 5Page - Sony Corporation CXA1851N Datasheet HTML 6Page - Sony Corporation CXA1851N Datasheet HTML 7Page - Sony Corporation CXA1851N Datasheet HTML 8Page - Sony Corporation CXA1851N Datasheet HTML 9Page - Sony Corporation CXA1851N Datasheet HTML 10Page - Sony Corporation CXA1851N Datasheet HTML 11Page - Sony Corporation CXA1851N Datasheet HTML 12Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
—10—
CXA1851N
(Up-Con) Pin vs. Pout and IM3 characteristics
10
0
Pin (dBm)
0
- 10
- 20
- 30
- 40
- 50
- 60
- 70
- 80
- 40
- 30
- 20
- 10
10
Vcc=2.7V
IF1=150.4MHz
IF2=150.8MHz
LO=1016Hz (- 9dBm)
(Up-Con) LO input level vs. CG characteristics
0
LO input level (dBm)
25
20
15
10
5
-27
- 18
- 12
- 6
Vcc=2.7V
IF=150MHz (- 40dBm)
LO=1016Hz
- 24
- 15
- 9
- 3
- 21
(Up-Con) Pin vs. Pout and IM3 characteristics
10
0
Pin (dBm)
0
- 10
- 20
- 30
- 40
- 50
- 60
- 70
- 80
- 40
- 30
- 20
- 10
10
Vcc=4.5V
IF1=150.4MHz
IF2=150.8MHz
LO=1016Hz (- 9dBm)
(Up-Con) LO input level vs. CG characteristics
0
LO input level (dBm)
25
20
15
10
5
-27
- 18
- 12
- 6
Vcc=2.7V
IF=150MHz (- 40dBm)
LO=1016Hz
- 24
- 15
- 9
- 3
- 21
(Up-Con) P/S voltage level vs. ICC characteristics
50
4.0
P/S voltage level (V)
10
0
0
1.0
2.0
3.0
5.0
Vcc=2.7V
No signal input
30
20
(Down-Con) P/S voltage level vs. ICC characteristics
4.0
P/S voltage level (V)
0
1.0
2.0
3.0
5.0
Vcc=2.7V
No signal input
40
50
10
0
30
20
40
Ta=25°C
Ta=80°C
Ta=-30°C
Ta=25°C
Ta=80°C
Ta=-30°C
Ta=25°C
Ta=80°C
Ta=-30°C
Ta=25°C
Ta=80°C
Ta=-30°C
Ta=25°C
Ta=80°C
Ta=-30°C
Ta=25°C
Ta=80°C
Ta=-30°C


Similar Part No. - CXA1851N

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430F CREE-CXA1850-0000-000N00V430F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430H CREE-CXA1850-0000-000N00V430H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435F CREE-CXA1850-0000-000N00V435F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435H CREE-CXA1850-0000-000N00V435H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
More results

Similar Description - CXA1851N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
NEC
UPC8100GR NEC-UPC8100GR Datasheet
141Kb / 16P
   SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC1686GV CEL-UPC1686GV Datasheet
198Kb / 8P
   900 MHz SILICON MMIC DOWN CONVERTER
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
   900 MHz SILICON RFIC DOWN CONVERTER
logo
Sony Corporation
CXA1786N SONY-CXA1786N Datasheet
183Kb / 12P
   1.1GHz-band PLL IC for Mobile Communications
CXA1787N SONY-CXA1787N Datasheet
176Kb / 13P
   2GHz-band PLL IC for Mobile Communications
logo
NEC
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
   L-BAND UP/DOWN CONVERTER
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
NIHON DEMPA KOGYO
NX2520SG NDK-NX2520SG_16 Datasheet
697Kb / 1P
   For Mobile Communications
NX5032SA NDK-NX5032SA_16 Datasheet
701Kb / 1P
   For Mobile Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com