Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC441DEVB Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC441DEVB
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441DEVB Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC441DEVB Datasheet HTML 2Page - Semtech Corporation SC441DEVB Datasheet HTML 3Page - Semtech Corporation SC441DEVB Datasheet HTML 4Page - Semtech Corporation SC441DEVB Datasheet HTML 5Page - Semtech Corporation SC441DEVB Datasheet HTML 6Page - Semtech Corporation SC441DEVB Datasheet HTML 7Page - Semtech Corporation SC441DEVB Datasheet HTML 8Page - Semtech Corporation SC441DEVB Datasheet HTML 9Page - Semtech Corporation SC441DEVB Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SC441D
6
Typical Characteristics
Temperature (oC)
UVLO Threshold vs. Temperature
Temperature (oC)
UVLO Hysteresis vs. Temperature
VIN Quiescent Supply Current
vs. Temperature
Temperature (oC)
Temperature (oC)
COMP SINK / SOURCE Current
vs. Temperature
Temperature (oC)
SS SINK / SOURCE Current
vs. Temperature
SW Saturation Voltage at A
vs. Temperature
Temperature (oC)
VOUT Pull Down Current Source
vs. Temperature
Temperature (oC)
Temperature (oC)
FFLAG Saturation Voltage vs.
Temperature
Average LED Current Source Setting
vs. Temperature
Temperature (oC)
UVLO Threshold vs. Temperature
Temperature ( )
UVLO Hysteresis vs. Temperature
Temperature ( )
VIN Quiescent Supply Current vs. Temperature
Temperature ( )
COMP SINK/SOURCE Current vs. Temperature
Temperature ( )
SINK
SOURCE
VIN=12V
SS SINK/SOURCE Current vs. Temperature
Temperature ( )
SINK
SOURCE
VIN=12V
SW Saturation Voltage at 1A vs. Temperature
Temperature ( )
4.5VIN
12VIN
27VIN
Vout Pull Down Current Source vs. Temperature
Temperature ( )
4.5VIN
12VIN
21VIN
VOUT=VIN+3V
Fflag saturation voltage vs temperature
IFFLAG=2mA
Temperature ( )
LED Current Source Setting vs. Temperature
Temperature ( )
VIN=12V
RIOSET=1.74K


Similar Part No. - SC441DEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC441 SEMTECH-SC441 Datasheet
70Kb / 1P
   High Effi ciency Integrated Driver for 4-Strings of 150mA LEDs
SC441 SEMTECH-SC441 Datasheet
88Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441A SEMTECH-SC441A Datasheet
981Kb / 20P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441A SEMTECH-SC441A Datasheet
241Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441AEVB SEMTECH-SC441AEVB Datasheet
981Kb / 20P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
More results

Similar Description - SC441DEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC445 SEMTECH-SC445 Datasheet
320Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441TETRT SEMTECH-SC441TETRT Datasheet
88Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441A SEMTECH-SC441A Datasheet
981Kb / 20P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441C SEMTECH-SC441C Datasheet
51Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441A SEMTECH-SC441A_10 Datasheet
241Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441 SEMTECH-SC441 Datasheet
70Kb / 1P
   High Effi ciency Integrated Driver for 4-Strings of 150mA LEDs
SC440A SEMTECH-SC440A_10 Datasheet
397Kb / 21P
   High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
SC446 SEMTECH-SC446 Datasheet
48Kb / 1P
   High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
logo
Samtec, Inc
SC446TETRT SAMTEC-SC446TETRT Datasheet
956Kb / 19P
   High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
logo
Semtech Corporation
SC443 SEMTECH-SC443 Datasheet
224Kb / 1P
   High Efficiency Integrated Boost Driver for 3-Strings of 30mA LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com