Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5014 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC5014
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014 Datasheet(HTML) 4 Page - Semtech Corporation

  SC5014 Datasheet HTML 1Page - Semtech Corporation SC5014 Datasheet HTML 2Page - Semtech Corporation SC5014 Datasheet HTML 3Page - Semtech Corporation SC5014 Datasheet HTML 4Page - Semtech Corporation SC5014 Datasheet HTML 5Page - Semtech Corporation SC5014 Datasheet HTML 6Page - Semtech Corporation SC5014 Datasheet HTML 7Page - Semtech Corporation SC5014 Datasheet HTML 8Page - Semtech Corporation SC5014 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
SC5014
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Boost Oscillator Frequency
F
SW
R
FSET = 00kΩ
0.85

.5
MHz
Boost Oscillator Frequency
F
OSC
R
FSET Varies
0.2
2.2
MHz
Maximum Duty Cycle
D
MAX
88
92
%
Control Signals: EN, PWMI, SDA, SCL
High Voltage Threshold
V
IH
V
CC = 4.5V to 5.5V
2.
V
Low Voltage Threshold
V
IL
V
CC = 4.5V to 5.5V
0.8
V
SDA Output Low
V
SDA(L)
-6mA from V
CC to SDA
0.3
V
Pin Leakage Current
I
LEAK
V
EN = 0V, VPWMI = VISET = VFSET = VSDA = VSCL = 5.0V
-

µA
PWM Dimming Input
PWMI Input Dimming Frequency
F
PWMI
00
30k
Hz
PWMI Input Resolution
00Hz < F
PWMI < 0kHz
0
bits
0kHz < F
PWMI < 20kHz
9
bits
Over-Voltage Protection
OVP Trip Threshold Voltage
V
OVP(TRIG)
OVP Rising
.
.2
.3
V
OVP Hysteresis
V
OVP(HYS)
OVP Falling
0
mV
OVP Leakage Current
I
OVP(LEAK)
OVP = 5V
0.

µA
Current Sink (IO1 to IO4)
IOx Dimming Minimum Pulse Width
T
PWM(MIN)
F
PWM(LED) = 00Hz - 30kHz
300
ns
ISET pin Voltage
V
ISET
.23
V
Regulation Voltage
V
IOn(REG)
Voltage of Regulating String
0.9
V
Current Sink Disable Threshold
V
IOn(DIS)
Checked at Power-up
0.6
V
Current Sink Rise/Fall Time ()
t
RISE/FALL
R
ising Edge from 0% to 90% of I
O(n)
25
ns
LED Current Accuracy
I
On(ACC%)
PWMI = 00%, T
A=+25 °C
98
00
02
mA
LED Current Matching (2)
I
On(MATCH)
PWMI = 00%, T
A=+25 °C
±.0
%
PWMI = 00%, T
A=-40 °C, +85 °C
±2.0
%
I
On Off Leakage Current
I
On(LEAK)
PWMI = 0V, EN = 0V, V
IO = 25V
0.

µA
IO Switching Frequency
F
PWM(IO)
FAST_FREQ = 0
0
kHz
FAST_FREQ =  (Default Setting)
20
Phase Delay Time Between IO Pins
(IO to IO4)
t
PD
FAST_FREQ =  (Default Setting)
t
PD = (/4)*(/FPWM(IO)), 4 Strings On
2.5
µs
PWM Output Resolution
F
PWM(IO) = 0kHz
0
bits
F
PWM(IO) = 20kHz
9
Electrical Characteristics (continued)


Similar Part No. - SC5014

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5014A SEMTECH-SC5014A Datasheet
1Mb / 27P
   High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
SC5014AEVB SEMTECH-SC5014AEVB Datasheet
1Mb / 27P
   High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
SC5014AMLTRT SEMTECH-SC5014AMLTRT Datasheet
1Mb / 27P
   High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
More results

Similar Description - SC5014

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5010H SEMTECH-SC5010H Datasheet
2Mb / 36P
   High Efficiency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5012Q SEMTECH-SC5012Q Datasheet
245Kb / 1P
   High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5012 SEMTECH-SC5012 Datasheet
175Kb / 1P
   High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014A SEMTECH-SC5014A Datasheet
1Mb / 27P
   High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
SC5010 SEMTECH-SC5010 Datasheet
905Kb / 36P
   High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5012BQ SEMTECH-SC5012BQ Datasheet
84Kb / 1P
   High Effi ciency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
Maxim Integrated Produc...
MAX20056BEVKIT MAXIM-MAX20056BEVKIT Datasheet
1Mb / 10P
   Demonstrates Both Phase-Shifted and Direct PWM Dimming
Rev 0; 2/19
logo
Renesas Technology Corp
ISL97671 RENESAS-ISL97671 Datasheet
1Mb / 27P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Sep 7, 2017
ISL97671A RENESAS-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
logo
Intersil Corporation
ISL97671 INTERSIL-ISL97671_10 Datasheet
626Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com