Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX9300EVK Datasheet(PDF) 1 Page - Semtech Corporation

Part # SX9300EVK
Description  Ultra Low Power, Dual Channel Smart Proximity SAR Compliant Solution
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX9300EVK Datasheet(HTML) 1 Page - Semtech Corporation

  SX9300EVK Datasheet HTML 1Page - Semtech Corporation SX9300EVK Datasheet HTML 2Page - Semtech Corporation SX9300EVK Datasheet HTML 3Page - Semtech Corporation SX9300EVK Datasheet HTML 4Page - Semtech Corporation SX9300EVK Datasheet HTML 5Page - Semtech Corporation SX9300EVK Datasheet HTML 6Page - Semtech Corporation SX9300EVK Datasheet HTML 7Page - Semtech Corporation SX9300EVK Datasheet HTML 8Page - Semtech Corporation SX9300EVK Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
WIRELESS & SENSING PRODUCTS
Datasheet
Revision 1.8
June 27, 2012
© 2012 Semtech Corporation
www.semtech.com
1
SX9300
Ultra Low Power, Dual Channel
Smart Proximity SAR Compliant Solution
GENERAL DESCRIPTION
The SX9300 is the world’s first dual channel capacitive
Specific Absorption Rate (SAR) controller that accurately
discriminates between an inanimate object and human
body proximity. The resulting detection is used in portable
electronic devices to reduce and control radio-frequency
(RF) emission power in the presence of a human body,
enabling
significant
performance
advantages
for
manufacturers of electronic devices with EMF radiation
sources to meet stringent emission regulations' criteria and
Specific Absorption Rate (SAR) standards.
Operating
directly from an input supply voltage of 2.7 to 5.5V, the
SX9300 outputs its data via a 1.65 – 5.5V host compatible
I2C serial bus.
The I2C serial communication bus port is compatible with
1.8V host control to report body detection/proximity and to
facilitate parameter settings adjustment. Upon proximity
detection, the NIRQ output asserts, enabling the user to
either determine the relative proximity distance, or simply
obtain an indication of detection. The serial bus can also
serve to overwrite detection thresholds and operational
settings in the event the user wants to change them from
their factory presets.
The SX9300 includes an on-chip auto-calibration controller
that regularly performs sensitivity adjustments to maintain
peak performance over a wide variation of temperature,
humidity and noise environments, providing simplified
product development and enhanced performance.
A
dedicated transmit enable (TXEN) pin is available to
synchronize proximity measurements to RF transmission,
enabling very low supply current and high noise immunity
by only measuring proximity when requested.
KEY PRODUCT FEATURES
2.7 – 5.5V Input Supply Voltage
Dual SAR Capacitive Sensor Inputs
On-Chip SAR Engine For Body versus Inanimate Object
Detection
Stable Proximity Sensing With Temperature
20mm detection distance
Capacitance Offset Compensation to 30pF
Active Sensor Guarding
Automatic Calibration
Ultra Low Power Consumption:
Active Mode:
170 uA
Doze Mode:
18 uA
Sleep Mode:
2.5 uA
400KHz I2C Serial Interface
Four programmable I2C Sub-Addresses
Input Levels Compatible with 1.8V Host Processors
Open Drain NIRQ Interrupt pin
Three (3) Reset Sources: POR, NRST pin, Soft
Reset
-40°C to +85°C Operation
Compact Size: 3 x 3mm Thin QFN package
Pb & Halogen Free, RoHS/WEEE compliant
APPLICATIONS
SAR Compliant Systems
Notebooks
Tablets
Mobile Phones
Mobile Hot Spots
ORDERING INFORMATION
Semtech P/N
Package
Marking
SX9300IULTRT
Note1
QFN-20
ZM5C
SX9300EVK
Eval. Kit
Note 1: Quantities are ordered in 3K units per Reel
TYPICAL APPLICATION CIRCUIT


Similar Part No. - SX9300EVK

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX9306 SEMTECH-SX9306 Datasheet
263Kb / 2P
   Ultra Low Power, Smart Proximity Sensor for SAR
SX9306EVKA SEMTECH-SX9306EVKA Datasheet
263Kb / 2P
   Ultra Low Power, Smart Proximity Sensor for SAR
SX9306ICBTR SEMTECH-SX9306ICBTR Datasheet
263Kb / 2P
   Ultra Low Power, Smart Proximity Sensor for SAR
SX9306ICSTRT SEMTECH-SX9306ICSTRT Datasheet
263Kb / 2P
   Ultra Low Power, Smart Proximity Sensor for SAR
SX9306IULTRT SEMTECH-SX9306IULTRT Datasheet
263Kb / 2P
   Ultra Low Power, Smart Proximity Sensor for SAR
More results

Similar Description - SX9300EVK

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX9310 SEMTECH-SX9310 Datasheet
210Kb / 2P
   Ultra-Low Power Smart Proximity Sensor for SAR
SX9306 SEMTECH-SX9306 Datasheet
263Kb / 2P
   Ultra Low Power, Smart Proximity Sensor for SAR
logo
Silergy Corp.
SY6827 SILERGY-SY6827 Datasheet
118Kb / 5P
   Dual Channel 6A, Ultra Low Loss Smart Bridge
logo
Semtech Corporation
SX9501 SEMTECH-SX9501 Datasheet
775Kb / 21P
   Ultra Low Power, Four Channels Capacitive Proximity/Button Solution with Dedicated Outputs
SX9500 SEMTECH-SX9500 Datasheet
859Kb / 31P
   Ultra Low Power, Capacitive Four (4) - Channel Proximity/Button
logo
Texas Instruments
TPD2S017 TI1-TPD2S017_15 Datasheet
929Kb / 16P
[Old version datasheet]   2-Channel Ultra-Low Clamp Voltage ESD Solution
logo
Analog Devices
AD7150 AD-AD7150_15 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151 Datasheet
518Kb / 28P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7150 AD-AD7150 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151_15 Datasheet
1,022Kb / 28P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com