Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN10KHT5538 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN10KHT5538
Description  OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN10KHT5538 Datasheet(HTML) 1 Page - Texas Instruments

  SN10KHT5538 Datasheet HTML 1Page - Texas Instruments SN10KHT5538 Datasheet HTML 2Page - Texas Instruments SN10KHT5538 Datasheet HTML 3Page - Texas Instruments SN10KHT5538 Datasheet HTML 4Page - Texas Instruments SN10KHT5538 Datasheet HTML 5Page - Texas Instruments SN10KHT5538 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN10KHT5538
OCTAL ECLTOTTL TRANSLATOR
WITH OPENCOLLECTOR OUTPUTS
SDZS012 − MARCH 1990
Copyright
1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
10KH Compatible
Open-Collector Outputs Drive Bus Lines or
Buffer Memory Address Registers
ECL and TTL Control Inputs
Flow-Through Architecture Optimizes PCB
Layout
Center-Pin V
CC, VEE, and GND
Configurations Minimize High-Speed
Switching Noise
Package Options Include “Small Outline”
Packages and Standard Plastic 300-mil
DIPs
description
This octal ECL-to-TTL translator is designed to
provide efficient translation between a 10KH
signal environment and a TTL signal environment.
This device is designed specifically to improve the
performance and density of ECL-to-TTL CPU/bus
oriented functions such as memory address
drivers,
clock
drivers,
and
bus-
oriented receivers and transmitters while eliminat-
ing the need for three-state overlap protection.
Two output enables, OE1 and OE2, are provided.
These enable inputs are ANDed together with
OE1 being ECL-compatible and OE2 being
TTL-compatible. This offers the choice of controll-
ing the outputs of the device from either a TTL or
ECL signal environment.
The SN10KHT5538 is characterized for operation
from 0
°C to 75°C.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Y1
Y2
Y3
Y4
VCC
GND
GND
GND
Y5
Y6
Y7
Y8
A1
A2
A3
A4
OE2 (TTL)
VEE
GND
OE1 (ECL)
A5
A6
A7
A8
DW OR NT PACKAGE
(T0P VIEW)
logic symbol
FUNCTION TABLE
OE1OE2
OUTPUT
ENABLE
A
DATA
INPUT
Y
OUTPUT
(TTL)
HX
X
H
XH
X
H
LL
L
H
LL
H
L
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
ECL/TTL
Y8
Y7
Y6
Y5
Y4
Y3
Y2
Y1
12
11
10
9
4
3
2
1
A8
A7
A6
A5
A4
A3
A2
A1
OE2
OE1
13
14
15
16
21
22
23
24
20
17
EN
&
ECL/TTL
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN10KHT5538

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10KHT5539 TI1-SN10KHT5539 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN10KHT5539NT TI1-SN10KHT5539NT Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
More results

Similar Description - SN10KHT5538

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN100KT5539 TI1-SN100KT5539 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN10KHT5539 TI1-SN10KHT5539 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN100KT5538 TI1-SN100KT5538 Datasheet
93Kb / 5P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN100KT5541 TI1-SN100KT5541 Datasheet
121Kb / 8P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN10KHT5541 TI-SN10KHT5541 Datasheet
90Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5540 TI1-SN100KT5540 Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN10KHT5540 TI1-SN10KHT5540 Datasheet
105Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC10H424 ONSEMI-MC10H424_06 Datasheet
134Kb / 5P
   Quad TTL to ECL Translator with ECL Strobe
August, 2006 ??Rev. 10
MC10H424 ONSEMI-MC10H424 Datasheet
102Kb / 4P
   Quad TTL-to-ECL Translator with ECL Strobe
1996 REV 5
MC10H424 ONSEMI-MC10H424_00 Datasheet
117Kb / 4P
   Quad TTL to ECL Translator with ECL Strobe
March, 2000 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com