Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1854AR Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA1854AR
Description  Decoder/Driver/Timing Generator for Color LCD Panels
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1854AR Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA1854AR Datasheet HTML 6Page - Sony Corporation CXA1854AR Datasheet HTML 7Page - Sony Corporation CXA1854AR Datasheet HTML 8Page - Sony Corporation CXA1854AR Datasheet HTML 9Page - Sony Corporation CXA1854AR Datasheet HTML 10Page - Sony Corporation CXA1854AR Datasheet HTML 11Page - Sony Corporation CXA1854AR Datasheet HTML 12Page - Sony Corporation CXA1854AR Datasheet HTML 13Page - Sony Corporation CXA1854AR Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
– 10 –
CXA1854AR
Setting Conditions for Measuring Electrical Characteristics
When measuring the DC characteristics, the TG block must be horizontally synchronized by performing Setting 2.
Setting 2 must also be performed when measuring the AC characteristics. When measuring items with bands
greater than 2MHz such as the Y frequency response or sharpness characteristics, settings 1 and 3 must also
be performed and measurements made with the sample-and-hold circuit set to through status.
Setting 1. System reset
After turning on the power, set SW52 to ON and start up V52 from GND in order to activate the
timing controller system reset. (See Fig. 1-1.)
Setting 2. Horizontal AFC adjustment
Input SIG6 (VL = 0mV) to (A) and adjust VR12 so that WL and WH of the TP12 output waveform are
the same. (See Fig. 1-2.)
Setting 3. S/H off
Input the signals shown in Fig. 1-3 to Pins 16, 17, 18 and 19 in order to set the sample-and-hold
circuit to through status.
VDD (VCC1)
V52 (RESET)
TR > 10µs
TR
SIG6
TP12
WL = WH
WL
WH
WS
Fig. 1-1. System reset
Fig. 1-2. Horizontal AFC adjustment
VDD
GND
VDD
GND
VDD
GND
VDD
GND
Pin 19
Pin 18
Pin 17
Pin 16
Fig. 1-3. S/H off input pattern


Similar Part No. - CXA1854AR

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430F CREE-CXA1850-0000-000N00V430F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430H CREE-CXA1850-0000-000N00V430H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435F CREE-CXA1850-0000-000N00V435F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435H CREE-CXA1850-0000-000N00V435H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
More results

Similar Description - CXA1854AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com