Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2188AIDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2188AIDR
Description  0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2188AIDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2188AIDR Datasheet HTML 5Page - Texas Instruments OPA2188AIDR Datasheet HTML 6Page - Texas Instruments OPA2188AIDR Datasheet HTML 7Page - Texas Instruments OPA2188AIDR Datasheet HTML 8Page - Texas Instruments OPA2188AIDR Datasheet HTML 9Page - Texas Instruments OPA2188AIDR Datasheet HTML 10Page - Texas Instruments OPA2188AIDR Datasheet HTML 11Page - Texas Instruments OPA2188AIDR Datasheet HTML 12Page - Texas Instruments OPA2188AIDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
40
35
30
25
20
15
10
5
0
-
55
-
35
-
15
5
25
125
Temperature( C)
°
45
105
85
65
(V )<V
<(V+)
1.5V
-
CM
-
(V )+0.5V<V
<(V+)
1.5V
-
-
CM
V
= 2V
±
SUPPLY
8
7
6
5
4
3
2
1
0
-
55
-
35
-
15
5
25
125
Temperature( C)
°
45
105
85
65
(V )<V
<(V+)
1.5V
-
CM
-
(V )+0.5V<V
<(V+)
1.5V
-
-
CM
V
= 18V
±
SUPPLY
20
0
2
4
6
8
24
OutputCurrent(mA)
10
12
18
17
16
15
14
-14
-15
-16
-17
-20
16
14
-
°
40 C
+85 C
°
+125 C
°
22
20
19
18
-19
-18
160
140
120
100
80
60
40
20
0
1
10
100
1k
10k
1M
Frequency(Hz)
100k
+PSRR
-PSRR
CMRR
500
400
300
200
100
0
100
200
300
-
-
-
-20
-10
-5
0
5
20
V
(V)
CM
10
-15
+I
B
-IB
I
OS
15
4000
3000
2000
1000
0
1000
2000
-
-
-55
-35
-15
5
25
125
Temperature( C)
°
45
105
85
65
I
B+
I
B-
I
OS
OPA2188
www.ti.com
SBOS525B – AUGUST 2011 – REVISED SEPTEMBER 2012
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
IB AND IOS vs COMMON-MODE VOLTAGE
INPUT BIAS CURRENT vs TEMPERATURE
Figure 7.
Figure 8.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
CMRR AND PSRR vs FREQUENCY
(Maximum Supply)
(Referred-to-Input)
Figure 9.
Figure 10.
CMRR vs TEMPERATURE
CMRR vs TEMPERATURE
Figure 11.
Figure 12.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA2188


Similar Part No. - OPA2188AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2188AIDR TI1-OPA2188AIDR Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2188AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180 Datasheet
1Mb / 38P
[Old version datasheet]   OPAx180 0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA187 TI-OPA187_19 Datasheet
2Mb / 45P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1810 TI1-OPA187_1810 Datasheet
2Mb / 44P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1812 TI1-OPA187_1812 Datasheet
2Mb / 43P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
logo
Analog Devices
ADA4805-1 AD-ADA4805-1 Datasheet
772Kb / 25P
   0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com