Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC35 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GBPC35
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GBPC35 Datasheet(HTML) 2 Page - Vishay Siliconix

  GBPC35 Datasheet HTML 1Page - Vishay Siliconix GBPC35 Datasheet HTML 2Page - Vishay Siliconix GBPC35 Datasheet HTML 3Page - Vishay Siliconix GBPC35 Datasheet HTML 4Page - Vishay Siliconix GBPC35 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88612
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 28-Mar-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GBPC12, GBPC15, GBPC25, GBPC35
Vishay General Semiconductor
Notes
(1) With heatsink
(2) Bolt down on heatsink with silicone thermal compound between bridge and mounting surface for maximum heat transfer with #10 screw
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
GBPC12, 15, 25, 35
UNIT
005
01
02
04
06
08
10
Maximum instantaneous
forward drop per diode
GBPC12
IF = 6.0 A
VF
1.1
V
GBPC15
IF = 7.5 A
GBPC25
IF = 12.5 A
GBPC35
IF = 17.5 A
Maximum reverse DC current at rated
DC blocking voltage per diode
TA = 25 °C
IR
5.0
μA
TA = 125 °C
500
Typical junction capacitance per diode
4 V, 1 MHz
CJ
300
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GBPC12, 15, 25, 35
UNIT
005
01
02
04
06
08
10
Typical thermal resistance
GBPC12 to GBPC25
RJC (1)
1.9
°C/W
GBPC35
1.4
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
GBPC1206-E4/51
15.79
51
100
Paper box
GBPC1506-E4/51
15.79
51
100
Paper box
GBPC2506-E4/51
15.79
51
100
Paper box
GBPC3506-E4/51
15.79
51
100
Paper box
GBPC1206W-E4/51
13.8
51
100
Paper box
GBPC1506W-E4/51
13.8
51
100
Paper box
GBPC2506W-E4/51
13.8
51
100
Paper box
GBPC3506W-E4/51
13.8
51
100
Paper box


Similar Part No. - GBPC35

ManufacturerPart #DatasheetDescription
logo
Surge Components
GBPC35 SURGE-GBPC35 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diotech Company.
GBPC35 DIOTECH-GBPC35 Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBPC35 ZOWIE-GBPC35 Datasheet
884Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Fairchild Semiconductor
GBPC35 FAIRCHILD-GBPC35 Datasheet
41Kb / 3P
   12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBPC35 YANGJIE-GBPC35 Datasheet
294Kb / 2P
   HIGH CURRENT 15/25/35 AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - GBPC35

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com