Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1870 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA1870
Description  Color TV Y/C/Jungle
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1870 Datasheet(HTML) 1 Page - Sony Corporation

  CXA1870 Datasheet HTML 1Page - Sony Corporation CXA1870 Datasheet HTML 2Page - Sony Corporation CXA1870 Datasheet HTML 3Page - Sony Corporation CXA1870 Datasheet HTML 4Page - Sony Corporation CXA1870 Datasheet HTML 5Page - Sony Corporation CXA1870 Datasheet HTML 6Page - Sony Corporation CXA1870 Datasheet HTML 7Page - Sony Corporation CXA1870 Datasheet HTML 8Page - Sony Corporation CXA1870 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
—1—
E95431-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
12
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg –65 to +150 °C
• Allowable power dissipation
PD
1.73
W
Recommended Operating Conditions
Supply voltage
VCC
9±0.5
V
Description
The CXA1870S is a bipolar IC which integrates the
NTSC color TV luminance signal processing,
chroma signal processing, sync signal processing,
and RGB signal processing onto a single chip.
Features
• I2C bus compatible. Various types of adjustments
and user controls performed with two bus lines
SCL and SDA.
• H and V oscillation frequencies made non-
adjusting with a countdown system.
• Non-adjusting Y system filters (chroma trap, delay
line)
• Built-in V picture distortion correction circuit
• Built-in delay line aperture compensation
• Auto cut-off function for automatic CRT cut-off
adjustment and compensation for changes with
time
• Multiple inputs
Composite video:
2 systems
(Built-in 2-input, 1-output video switch)
Y/C separation input:
1 system
On screen display input: 1 system
Applications
• Color TV
Structure
Bipolar silicon monolithic IC
Color TV Y/C/Jungle
42 pin SDIP (Plastic)
CXA1870S
For the availability of this product, please contact the sales office.


Similar Part No. - CXA1870

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
CXA1875 SONY-CXA1875 Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
CXA1875AM SONY-CXA1875AM Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
CXA1875AP SONY-CXA1875AP Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
More results

Similar Description - CXA1870

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1465AS SONY-CXA1465AS Datasheet
892Kb / 37P
   Color TV Y/C/Jungle/RGB Interface/Deflection Compensation
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
CXA2095S SONY-CXA2095S Datasheet
428Kb / 40P
   Y/C/RGB/Sync/Deflection for Color TV
CXA2025AS SONY-CXA2025AS Datasheet
414Kb / 37P
   Y/C/RGB/Sync/Deflection for Color TV
CXA1213AS SONY-CXA1213AS Datasheet
699Kb / 26P
   Y/C/JUNGLE IC FOR PAL/NTSC
CXA2061S SONY-CXA2061S Datasheet
435Kb / 44P
   Y/C/RGB/D for NTSC Color TVs
logo
List of Unclassifed Man...
L19A11W ETC1-L19A11W Datasheet
2Mb / 44P
   COLOR TV
logo
Fairchild Semiconductor
KSC2383 FAIRCHILD-KSC2383 Datasheet
52Kb / 5P
   Color TV Audio Output & Color TV Vertical
logo
Sony Corporation
CXA2050S SONY-CXA2050S Datasheet
810Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2000Q SONY-CXA2000Q Datasheet
694Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com