Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL4108-X007T Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL4108-X007T
Description  Optocoupler, Phototriac Output, Zero Crossing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL4108-X007T Datasheet(HTML) 5 Page - Vishay Siliconix

  IL4108-X007T Datasheet HTML 1Page - Vishay Siliconix IL4108-X007T Datasheet HTML 2Page - Vishay Siliconix IL4108-X007T Datasheet HTML 3Page - Vishay Siliconix IL4108-X007T Datasheet HTML 4Page - Vishay Siliconix IL4108-X007T Datasheet HTML 5Page - Vishay Siliconix IL4108-X007T Datasheet HTML 6Page - Vishay Siliconix IL4108-X007T Datasheet HTML 7Page - Vishay Siliconix IL4108-X007T Datasheet HTML 8Page - Vishay Siliconix IL4108-X007T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 83627
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 2.0, 29-Mar-11
5
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IL410, IL4108
Optocoupler, Phototriac Output, Zero Crossing,
High dV/dt, Low Input Current
Vishay Semiconductors
Fig. 7 - Typical Trigger Delay Time
Fig. 8 - Off-State Current in Inhibited State vs. IF/IFT 25 °C
Fig. 9 - Power Dissipation 40 Hz to 60 Hz Line Operation
Fig. 10 - Typical Static Inhibit Voltage Limit
TRIGGER CURRENT VS. TEMPERATURE AND VOLTAGE
The trigger current of the IL410, 4108 has a positive
temperature gradient and also is dependent on the terminal
voltage as shown as the fig. 11.
Fig. 11 - Trigger Current vs.
Temperature and Operating Voltage (50 Hz)
For the operating voltage 250 VRMS over the temperature
range - 40 °C to 85 °C, the IF should be at least 2.3 x of the
IFT1 (2 mA, max.).
Considering - 30 % degradation over time, the trigger
current minimum is IF = 2 x 2.3 x 130 % = 6 mA
iil410_09
tgd = f (IF/IFT 25 °C), VD = 200 V
f = 40 to 60 Hz, Parameter: Tj
103
102
101
5
100
5
101
5
102
IF/IFT25 °C
Tj = 25 °C
100 °C
iil410_10
IDINH = f (IF/IFT 25 °C),
VD = 600 V, Parameter: Tj
103
102
100
5
0
2
4
6
8
10 12 14 16 18 20
IF/IFT25 °C
101
5
Tj = 25 °C
100 °C
0.6
0.4
0.5
0.3
0.2
0.1
0
0
100
200
300
iil410_11
ITRMS (mA)
40 to 60 Hz
Line operation,
Ptot = f(ITRMS)
12
10
8
6
4
100
55
102
101
iil410_12
V
IF/IFT25 °C
VDINH min = f (IF/IFT25°C),
parameter: Tj
Device zero voltage
switch can be triggered
only in hatched are
below Tj curves.
T
j = 25 °C
100 °C
21602
VRMS (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
50
100
150
200
250
300
350
100 °C
85 °C
50 °C
25 °C


Similar Part No. - IL4108-X007T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL4108-X007T VISHAY-IL4108-X007T Datasheet
174Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
More results

Similar Description - IL4108-X007T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
01-Jan-2022
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing
Rev. 2.2, 01-Jun-12
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
IL4118 VISHAY-IL4118_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com