Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCNL4020 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VCNL4020
Description  Fully Integrated Proximity and Ambient Light Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4020 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VCNL4020 Datasheet HTML 2Page - Vishay Siliconix VCNL4020 Datasheet HTML 3Page - Vishay Siliconix VCNL4020 Datasheet HTML 4Page - Vishay Siliconix VCNL4020 Datasheet HTML 5Page - Vishay Siliconix VCNL4020 Datasheet HTML 6Page - Vishay Siliconix VCNL4020 Datasheet HTML 7Page - Vishay Siliconix VCNL4020 Datasheet HTML 8Page - Vishay Siliconix VCNL4020 Datasheet HTML 9Page - Vishay Siliconix VCNL4020 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
VCNL4020
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 20-Jul-12
6
Document Number: 83476
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
2. I2C Interface
The VCNL4020 contains seventeen 8 bit registers for operation control, parameter setup and result buffering. All registers are
accessible via I2C communication. Figure 13 shows the basic I2C communication with VCNL4020.
The built in I2C interface is compatible with all I2C modes (standard, fast and high speed).
I2C H-level range = 1.7 V to 5 V.
Please refer to the I2C specification from NXP for details.
Fig. 13 - Send Byte/Receive Byte Protocol
Device Address
The VCNL4020 has a fix slave address for the host
programming and accessing selection. The predefined 7 bit
I2C bus address is set to 0010 011 = 13h. The least
significant bit (LSB) defines read or write mode. Accordingly
the bus address is set to 0010 011x = 26h for write, 27h for
read.
Register Addresses
VCNL4020 has seventeen user accessible 8 bit registers.
The register addresses are 80h (register #0) to 90h
(register #16).
REGISTER FUNCTIONS
Register #0 Command Register
Register address = 80h
The register #0 is for starting ambient light or proximity measurements. This register contains 2 flag bits for data ready indication.
Note
• With setting bit 3 and bit 4 at the same write command, a simultaneously measurement of ambient light and proximity is done. Beside als_en
and/or prox_en first selftimed_en needs to be set. On-demand measurement modes are disabled if selftimed_en bit is set. For the
selftimed_en mode changes in reading rates (reg #4 and reg #2) can be made only when b0 (selftimed_en bit) = 0. For the als_od mode
changes to the reg #4 can be made only when b4 (als_od bit) = 0; this is to avoid synchronization problems and undefined states between
the clock domains. In effect this means that it is only reasonable to change rates while no selftimed conversion is ongoing.
S
Slave address
Rd
Receive byte
Read data from VCNL4020
A
Register address
A
Wr
P
S
Slave address
P
A
A
Data byte
Send byte
Write command to VCNL4020
S = start condition
P = stop condition
A = acknowledge
Host action
VCNL4020 response
S
Slave address
A
Register address
A
Wr
P
Data byte
A
22313-2
TABLE 1 - COMMAND REGISTER #0
Bit 7Bit 6
Bit 5Bit 4
Bit 3Bit 2Bit 1Bit 0
config_lock
als_data_rdy
prox_data_rdy
als_od
prox_od
als_en
prox_en
selftimed_en
Description
config_lock
Read only bit. Value = 1
als_data_rdy
Read only bit. Value = 1 when ambient light measurement data is available in the result registers. This bit
will be reset when one of the corresponding result registers (reg #5, reg #6) is read.
prox_data_rdy
Read only bit. Value = 1 when proximity measurement data is available in the result registers. This bit will
be reset when one of the corresponding result registers (reg #7, reg #8) is read.
als_od
R/W bit. Starts a single on-demand measurement for ambient light. If averaging is enabled, starts a
sequence of readings and stores the averaged result. Result is available at the end of conversion for
reading in the registers #5(HB) and #6(LB).
prox_od
R/W bit. Starts a single on-demand measurement for proximity.
Result is available at the end of conversion for reading in the registers #7(HB) and #8(LB).
als_en
R/W bit. Enables periodic als measurement
prox_en
R/W bit. Enables periodic proximity measurement
selftimed_en
R/W bit. Enables state machine and LP oscillator for self timed measurements; no measurement is
performed until the corresponding bit is set


Similar Part No. - VCNL4020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
213Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
01-Jan-2022
VCNL4020 VISHAY-VCNL4020 Datasheet
213Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
01-Jan-2023
VCNL4020-GS08 VISHAY-VCNL4020-GS08 Datasheet
213Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
01-Jan-2022
VCNL4020-GS08 VISHAY-VCNL4020-GS08 Datasheet
213Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
01-Jan-2023
VCNL4020-GS18 VISHAY-VCNL4020-GS18 Datasheet
213Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
01-Jan-2022
More results

Similar Description - VCNL4020

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9800 AVAGO-APDS-9800 Datasheet
283Kb / 11P
   Integrated Ambient Light and Proximity Sensor
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
Intersil Corporation
ISL29015 INTERSIL-ISL29015 Datasheet
596Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
Vishay Siliconix
VCNL4000 VISHAY-VCNL4000 Datasheet
188Kb / 14P
   Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter and I2C Interface
Rev. 1.5, 12-May-11
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com