Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMG1500 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VLMG1500
Description  Ultrabright 0402 ChipLED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMG1500 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VLMG1500 Datasheet HTML 2Page - Vishay Siliconix VLMG1500 Datasheet HTML 3Page - Vishay Siliconix VLMG1500 Datasheet HTML 4Page - Vishay Siliconix VLMG1500 Datasheet HTML 5Page - Vishay Siliconix VLMG1500 Datasheet HTML 6Page - Vishay Siliconix VLMG1500 Datasheet HTML 7Page - Vishay Siliconix VLMG1500 Datasheet HTML 8Page - Vishay Siliconix VLMG1500 Datasheet HTML 9Page - Vishay Siliconix VLMG1500 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
VLMS1500, VLMO1500, VLMY1500, VLMG1500, VLMB1500
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 21-May-12
6
Document Number: 82554
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 11 - Relative Intensity vs. Wavelength (soft orange)
Fig. 12 - Relative Intensity vs. Wavelength (yellow)
Fig. 13 - Relative Intensity vs. Wavelength (yellow green)
Fig. 14 - Forward Current vs. Forward Voltage (blue)
Fig. 15 - Relative Luminous Intensity vs. Forward Current (blue)
Fig. 16 - Relative Intensity vs. Wavelength (blue)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
560
580
600
620
640
660
λ - Wavelength (nm)
95 10885
soft orange
0.0
0.2
0.4
0.6
0.8
1.0
1.2
550
570
590
610
630
650
λ - Wavelength (nm)
95 10881y
yellow
0.0
0.2
0.4
0.6
0.8
1.0
1.2
500
550
600
650
700
750
yellow green
λ - Wavelength (nm)
0
50
2.5
3.0
3.5
4.0
4.5
5.0
VF - Forward Voltage (V)
40
30
20
10
blue
0
2.5
0
1020304050
IF - Forward Current (mA)
2.0
1.5
1.0
0.5
blue
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
350
400
450
500
550
600
λ - Wavelength (nm)
blue


Similar Part No. - VLMG1500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMG1500 VISHAY-VLMG1500 Datasheet
235Kb / 12P
   Ultrabright 0402 ChipLED
01-Jan-2022
VLMG1500 VISHAY-VLMG1500 Datasheet
234Kb / 12P
   Ultrabright 0402 ChipLED
01-Jan-2023
VLMG1500-GS08 VISHAY-VLMG1500-GS08 Datasheet
266Kb / 12P
   Ultrabright 0402 ChipLED
Rev. 1.4, 05-Sep-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMG1500-GS08 TO-GRACE-VLMG1500-GS08 Datasheet
743Kb / 12P
   Ultrabright 0402 ChipLED
logo
Vishay Siliconix
VLMG1500-GS08 VISHAY-VLMG1500-GS08 Datasheet
234Kb / 12P
   Ultrabright 0402 ChipLED
01-Jan-2023
More results

Similar Description - VLMG1500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW15 VISHAY-VLMW15_V01 Datasheet
264Kb / 8P
   Ultrabright 0402 ChipLED
01-Jan-2022
VLMB150 VISHAY-VLMB150_V02 Datasheet
234Kb / 12P
   Ultrabright 0402 ChipLED
01-Jan-2023
VLMW15 VISHAY-VLMW15 Datasheet
185Kb / 8P
   Ultrabright 0402 ChipLED
Rev. 1.4, 10-Jul-14
VLMS150X VISHAY-VLMS150X Datasheet
266Kb / 12P
   Ultrabright 0402 ChipLED
Rev. 1.4, 05-Sep-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMW1500-GS08 TO-GRACE-VLMW1500-GS08 Datasheet
528Kb / 8P
   Ultrabright 0402 ChipLED
logo
Vishay Siliconix
VLMW15 VISHAY-VLMW15_V02 Datasheet
263Kb / 8P
   Ultrabright 0402 ChipLED
01-Jan-2023
VLMW1500 VISHAY-VLMW1500 Datasheet
188Kb / 8P
   Ultrabright 0402 ChipLED
Rev. 1.0, 21-May-12
logo
HK TO-GRACE TECHNOLOGY ...
VLMS1500-GS08 TO-GRACE-VLMS1500-GS08 Datasheet
743Kb / 12P
   Ultrabright 0402 ChipLED
logo
Vishay Siliconix
VLMS150 VISHAY-VLMS150_V01 Datasheet
235Kb / 12P
   Ultrabright 0402 ChipLED
01-Jan-2022
logo
List of Unclassifed Man...
L03R3000F1 ETC2-L03R3000F1 Datasheet
211Kb / 3P
   ULTRABRIGHT YELLOW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com