Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMG1500 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMG1500
Description  Ultrabright 0402 ChipLED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMG1500 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMG1500 Datasheet HTML 1Page - Vishay Siliconix VLMG1500 Datasheet HTML 2Page - Vishay Siliconix VLMG1500 Datasheet HTML 3Page - Vishay Siliconix VLMG1500 Datasheet HTML 4Page - Vishay Siliconix VLMG1500 Datasheet HTML 5Page - Vishay Siliconix VLMG1500 Datasheet HTML 6Page - Vishay Siliconix VLMG1500 Datasheet HTML 7Page - Vishay Siliconix VLMG1500 Datasheet HTML 8Page - Vishay Siliconix VLMG1500 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
VLMS1500, VLMO1500, VLMY1500, VLMG1500, VLMB1500
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 21-May-12
2
Document Number: 82554
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMB1500 (InGaN technology)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
DC forward current
IF
20
mA
Surge forward current
1/10 duty cycle, 0.1 ms pulse width
IFSM
100
mA
Power dissipation
Tamb
≤ 25 °C
PV
76
mW
Operating temperature range
Tamb
- 20 to + 80
°C
Storage temperature range
Tstg
- 30 to + 100
°C
IRED solder conditions
according Vishay specifications
Tst
260
°C
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMS1500, SUPER RED
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
IV
18
54
-
mcd
Dominant wavelength
IF = 20 mA
λd
-
631
-
nm
Peak wavelength
IF = 20 mA
λp
-
639
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 65
-
deg
Spectral line half width
IF = 20 mA
Δλ
-20-
nm
Forward voltage
IF = 20 mA
VF
-2.0
2.4
V
Reverse current
VR = 5 V
IR
-
-
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMO1500, SOFT ORANGE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
IV
45
90
-
mcd
Dominant wavelength
IF = 20 mA
λd
-
605
-
nm
Peak wavelength
IF = 20 mA
λp
-
611
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 65
-
deg
Spectral line half width
IF = 20 mA
Δλ
-17-
nm
Forward voltage
IF = 20 mA
VF
-2.0
2.4
V
Reverse current
VR = 5 V
IR
-
-
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMY1500, YELLOW
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
IV
28
-
180
mcd
Dominant wavelength
IF = 20 mA
λd
587
-
597
nm
Peak wavelength
IF = 20 mA
λp
-
588
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 65
-
deg
Spectral line half width
IF = 20 mA
Δλ
-15-
nm
Forward voltage
IF = 20 mA
VF
-2.0
2.4
V
Reverse current
VR = 5 V
IR
-
-
10
μA


Similar Part No. - VLMG1500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMG1500 VISHAY-VLMG1500 Datasheet
235Kb / 12P
   Ultrabright 0402 ChipLED
01-Jan-2022
VLMG1500 VISHAY-VLMG1500 Datasheet
234Kb / 12P
   Ultrabright 0402 ChipLED
01-Jan-2023
VLMG1500-GS08 VISHAY-VLMG1500-GS08 Datasheet
266Kb / 12P
   Ultrabright 0402 ChipLED
Rev. 1.4, 05-Sep-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMG1500-GS08 TO-GRACE-VLMG1500-GS08 Datasheet
743Kb / 12P
   Ultrabright 0402 ChipLED
logo
Vishay Siliconix
VLMG1500-GS08 VISHAY-VLMG1500-GS08 Datasheet
234Kb / 12P
   Ultrabright 0402 ChipLED
01-Jan-2023
More results

Similar Description - VLMG1500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW15 VISHAY-VLMW15_V01 Datasheet
264Kb / 8P
   Ultrabright 0402 ChipLED
01-Jan-2022
VLMB150 VISHAY-VLMB150_V02 Datasheet
234Kb / 12P
   Ultrabright 0402 ChipLED
01-Jan-2023
VLMW15 VISHAY-VLMW15 Datasheet
185Kb / 8P
   Ultrabright 0402 ChipLED
Rev. 1.4, 10-Jul-14
VLMS150X VISHAY-VLMS150X Datasheet
266Kb / 12P
   Ultrabright 0402 ChipLED
Rev. 1.4, 05-Sep-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMW1500-GS08 TO-GRACE-VLMW1500-GS08 Datasheet
528Kb / 8P
   Ultrabright 0402 ChipLED
logo
Vishay Siliconix
VLMW15 VISHAY-VLMW15_V02 Datasheet
263Kb / 8P
   Ultrabright 0402 ChipLED
01-Jan-2023
VLMW1500 VISHAY-VLMW1500 Datasheet
188Kb / 8P
   Ultrabright 0402 ChipLED
Rev. 1.0, 21-May-12
logo
HK TO-GRACE TECHNOLOGY ...
VLMS1500-GS08 TO-GRACE-VLMS1500-GS08 Datasheet
743Kb / 12P
   Ultrabright 0402 ChipLED
logo
Vishay Siliconix
VLMS150 VISHAY-VLMS150_V01 Datasheet
235Kb / 12P
   Ultrabright 0402 ChipLED
01-Jan-2022
logo
List of Unclassifed Man...
L03R3000F1 ETC2-L03R3000F1 Datasheet
211Kb / 3P
   ULTRABRIGHT YELLOW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com