Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR872DP Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SIR872DP
Description  N-Channel 150 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR872DP Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SIR872DP Datasheet HTML 5Page - Vishay Siliconix SIR872DP Datasheet HTML 6Page - Vishay Siliconix SIR872DP Datasheet HTML 7Page - Vishay Siliconix SIR872DP Datasheet HTML 8Page - Vishay Siliconix SIR872DP Datasheet HTML 9Page - Vishay Siliconix SIR872DP Datasheet HTML 10Page - Vishay Siliconix SIR872DP Datasheet HTML 11Page - Vishay Siliconix SIR872DP Datasheet HTML 12Page - Vishay Siliconix SIR872DP Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.vishay.com
4
Document Number 71622
28-Feb-06
Vishay Siliconix
AN821
SYSTEM AND ELECTRICAL IMPACT OF
PowerPAK SO-8
In any design, one must take into account the change in
MOSFET rDS(on) with temperature (Figure 7).
A MOSFET generates internal heat due to the current
passing through the channel. This self-heating raises
the junction temperature of the device above that of the
PC board to which it is mounted, causing increased
power dissipation in the device. A major source of this
problem lies in the large values of the junction-to-foot
thermal resistance of the SO-8 package.
PowerPAK SO-8 minimizes the junction-to-board ther-
mal resistance to where the MOSFET die temperature is
very close to the temperature of the PC board. Consider
two devices mounted on a PC board heated to 105 °C
by other components on the board (Figure 8).
Suppose each device is dissipating 2.7 W. Using the
junction-to-foot thermal resistance characteristics of the
PowerPAK SO-8 and the standard SO-8, the die tem-
perature is determined to be 107 °C for the PowerPAK
(and for DPAK) and 148 °C for the standard SO-8. This
is a 2 °C rise above the board temperature for the Pow-
erPAK and a 43 °C rise for the standard SO-8. Referring
to Figure 7, a 2 °C difference has minimal effect on
rDS(on) whereas a 43C difference has a significant effect
on rDS(on).
Minimizing the thermal rise above the board tempera-
ture by using PowerPAK has not only eased the thermal
design but it has allowed the device to run cooler, keep
rDS(on) low, and permits the device to handle more cur-
rent than the same MOSFET die in the standard SO-8
package.
CONCLUSIONS
PowerPAK SO-8 has been shown to have the same
thermal performance as the DPAK package while hav-
ing the same footprint as the standard SO-8 package.
The PowerPAK SO-8 can hold larger die approximately
equal in size to the maximum that the DPAK can accom-
modate implying no sacrifice in performance because of
package limitations.
Recommended PowerPAK SO-8 land patterns are pro-
vided to aid in PC board layout for designs using this
new package.
Thermal considerations have indicated that significant
advantages can be gained by using PowerPAK SO-8
devices in designs where the PC board was laid out for
the standard SO-8. Applications experimental data gave
thermal performance data showing minimum and typical
thermal performance in a SO-8 environment, plus infor-
mation on the optimum thermal performance obtainable
including spreading copper. This further emphasized the
DPAK equivalency.
PowerPAK SO-8 therefore has the desired small size
characteristics of the SO-8 combined with the attractive
thermal characteristics of the DPAK package.
Figure 7. MOSFET rDS(on) vs. Temperature
Figure 8. Temperature of Devices on a PC Board
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 23 A
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (°C)
0.8 °C/W
107 °C
PowerPAK SO-8
16 C/W
148 °C
Standard SO-8
PC Board at 105 °C


Similar Part No. - SIR872DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR872DP VISHAY-SIR872DP_V01 Datasheet
339Kb / 13P
   N-Channel 150 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIR872DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
   N-Channel 150 V (D-S) MOSFET
Rev. B, 30-Sep-13
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
   N-Channel 150 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
   N-Channel 150-V (D-S) MOSFET
Rev. F, 06-Apr-09
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 26-May-03
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM1158N VBSEMI-VBM1158N Datasheet
658Kb / 8P
   N-Channel 150 V (D-S) MOSFET
15T15GH-HF VBSEMI-15T15GH-HF Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com