Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMY1300 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMY1300
Description  Highbright 0603 ChipLED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY1300 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMY1300 Datasheet HTML 1Page - Vishay Siliconix VLMY1300 Datasheet HTML 2Page - Vishay Siliconix VLMY1300 Datasheet HTML 3Page - Vishay Siliconix VLMY1300 Datasheet HTML 4Page - Vishay Siliconix VLMY1300 Datasheet HTML 5Page - Vishay Siliconix VLMY1300 Datasheet HTML 6Page - Vishay Siliconix VLMY1300 Datasheet HTML 7Page - Vishay Siliconix VLMY1300 Datasheet HTML 8Page - Vishay Siliconix VLMY1300 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
VLMS1300, VLMO1300, VLMY1300, VLMG1300, VLMTG1300, VLMB1300, VLMB1310
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 25-Jul-12
2
Document Number: 82437
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving the LED in reverse direction is suitable for short term application
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMS1300, VLMO1300, VLMY1300, VLMG1300 (AlInGaP technology)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
5V
DC forward current
IF
30
mA
Surge forward current
1/10 duty cycle, 0.1 ms pulse width
IFSM
80
mA
Power dissipation
Tamb
≤ 25 °C
PV
75
mW
Operating temperature range
Tamb
- 35 to + 85
°C
Storage temperature range
Tstg
- 45 to + 85
°C
IRED solder conditions
according Vishay specifications
Tst
260
°C
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMTG1300, VLMB1300, VLMB1310 (InGaN technology)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
DC forward current
IF
20
mA
Surge forward current
1/10 duty cycle, 0.1 ms pulse width
IFSM
100
mA
Power dissipation
Tamb
≤ 25 °C
PV
76
mW
ESD thershold,
for VLMB1310 with protection only
HBM
thESD HBM
8000
V
Operating temperature range
Tamb
- 20 to + 80
°C
Storage temperature range
Tstg
- 30 to + 100
°C
IRED solder conditions
according Vishay specifications
Tst
260
°C
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMS1300, SUPER RED
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
IV
18
54
-
mcd
Dominant wavelength
IF = 20 mA
λd
-
631
-
nm
Peak wavelength
IF = 20 mA
λp
-
639
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 65
-
deg
Spectral line half width
IF = 20 mA
Δλ
-20-
nm
Forward voltage
IF = 20 mA
VF
-2.0
2.4
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-40-
pF
Reverse current
VR = 5 V
IR
-
-
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMO1300, SOFT ORANGE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
IV
45
90
-
mcd
Dominant wavelength
IF = 20 mA
λd
-
605
-
nm
Peak wavelength
IF = 20 mA
λp
-
611
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 65
-
deg
Spectral line half width
IF = 20 mA
Δλ
-17-
nm
Forward voltage
IF = 20 mA
VF
-2.0
2.4
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-40-
pF
Reverse current
VR = 5 V
IR
-
-
10
μA


Similar Part No. - VLMY1300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMY1300 VISHAY-VLMY1300 Datasheet
250Kb / 13P
   Highbright 0603 ChipLED
01-Jan-2022
logo
HK TO-GRACE TECHNOLOGY ...
VLMY1300-GS08 TO-GRACE-VLMY1300-GS08 Datasheet
901Kb / 13P
   Highbright 0603 ChipLED
VLMY1300-GS08 TO-GRACE-VLMY1300-GS08 Datasheet
901Kb / 13P
   Highbright 0603 ChipLED
logo
Vishay Siliconix
VLMY1300-GS08 VISHAY-VLMY1300-GS08 Datasheet
249Kb / 13P
   Highbright 0603 ChipLED
01-Jan-2023
More results

Similar Description - VLMY1300

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
VLMTG1400 TO-GRACE-VLMTG1400 Datasheet
689Kb / 10P
   Highbright 0603 ChipLED
logo
Vishay Siliconix
VLMTG1400 VISHAY-VLMTG1400 Datasheet
226Kb / 10P
   Highbright 0603 ChipLED
Rev. 1.2, 25-Jan-18
logo
HK TO-GRACE TECHNOLOGY ...
VLMS1300 TO-GRACE-VLMS1300 Datasheet
901Kb / 13P
   Highbright 0603 ChipLED
VLMW1300 TO-GRACE-VLMW1300 Datasheet
581Kb / 8P
   Highbright 0603 ChipLED
logo
Vishay Siliconix
VLMW1301 VISHAY-VLMW1301_V01 Datasheet
208Kb / 8P
   Highbright 0603 ChipLED
01-Jan-2022
VLMS1300 VISHAY-VLMS1300_V01 Datasheet
250Kb / 13P
   Highbright 0603 ChipLED
01-Jan-2022
VLMW1300 VISHAY-VLMW1300 Datasheet
176Kb / 8P
   Highbright 0603 ChipLED
Rev. 1.0, 08-Nov-11
VLMW1301 VISHAY-VLMW1301 Datasheet
239Kb / 8P
   Highbright 0603 ChipLED
Rev. 1.1, 22-Sep-14
logo
HK TO-GRACE TECHNOLOGY ...
VLMTG1300 TO-GRACE-VLMTG1300 Datasheet
901Kb / 13P
   Highbright 0603 ChipLED
VLMW1301 TO-GRACE-VLMW1301 Datasheet
581Kb / 8P
   Highbright 0603 ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com