Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VOM3053-X001T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VOM3053-X001T
Description  Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOM3053-X001T Datasheet(HTML) 2 Page - Vishay Siliconix

  VOM3053-X001T Datasheet HTML 1Page - Vishay Siliconix VOM3053-X001T Datasheet HTML 2Page - Vishay Siliconix VOM3053-X001T Datasheet HTML 3Page - Vishay Siliconix VOM3053-X001T Datasheet HTML 4Page - Vishay Siliconix VOM3053-X001T Datasheet HTML 5Page - Vishay Siliconix VOM3053-X001T Datasheet HTML 6Page - Vishay Siliconix VOM3053-X001T Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VOM3052, VOM3053
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 22-May-12
2
Document Number: 83492
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the Absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to Absolute
Maximum Ratings for extended periods of the time can adversely affect reliability.
(1) Refer to “Assembly Instructions” for surface mounted devices (www.vishay.com/doc?80054).
Fig. 1 - Recommended Operating Condition
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Peak surge current
100 μs, 200 pps
IFSM
0.5
A
Power dissipation
Pdiss
100
mW
OUTPUT
Peak off-state voltage
VDRM
600
V
RMS on-state current
IT(RMS)
70
mA
Peak non-repetitive surge current
PW = 100 ms, 120 pps
ITSM
1A
Power dissipation
Pdiss
200
mW
COUPLER
Isolation test voltage
t = 1 min
VISO
3750
VRMS
Power dissipation
Ptot
300
mW
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 40 to + 100
°C
Soldering temperature (1)
Tsld
260
°C
0
20
40
60
80
100
- 40 - 20
0
20
40
60
80
120
Tamb - Temperature (°C)
100


Similar Part No. - VOM3053-X001T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOM3053-X001T VISHAY-VOM3053-X001T Datasheet
125Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 1.5, 27-Jan-15
VOM3053-X001T VISHAY-VOM3053-X001T Datasheet
126Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 Vs
01-Jan-2022
More results

Similar Description - VOM3053-X001T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3052 VISHAY-VO3052_17 Datasheet
191Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 2.2, 12-May-17
VOM3052 VISHAY-VOM3052_15 Datasheet
125Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 1.5, 27-Jan-15
VO3052 VISHAY-VO3052_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
01-Jan-2022
VO3062 VISHAY-VO3062_V01 Datasheet
210Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/μs dV/dt, 600 V
01-Jan-2022
VOM3052 VISHAY-VOM3052_V01 Datasheet
126Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 Vs
01-Jan-2022
VOM160 VISHAY-VOM160 Datasheet
117Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 0.5 kV/μs dV/dt, 600 V
Rev. 1.6, 22-May-12
VOM160 VISHAY-VOM160_V01 Datasheet
143Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 0.5 kV/μs dV/dt, 600 V
01-Jan-2022
VO3052 VISHAY-VO3052 Datasheet
130Kb / 8P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/uS dV/dt, 600 V
Rev. 1.5, 07-Nov-06
VO3052 VISHAY-VO3052_12 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, 1.5 kV/μs dV/dt, 600 V
Rev. 1.9, 11-Aug-11
VO3052 VISHAY-VO3052_08 Datasheet
130Kb / 7P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com