Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9762601VKA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9762601VKA
Description  RAD-TOLERANT CLASS V OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9762601VKA Datasheet(HTML) 6 Page - Texas Instruments

Back Button 5962-9762601VKA Datasheet HTML 2Page - Texas Instruments 5962-9762601VKA Datasheet HTML 3Page - Texas Instruments 5962-9762601VKA Datasheet HTML 4Page - Texas Instruments 5962-9762601VKA Datasheet HTML 5Page - Texas Instruments 5962-9762601VKA Datasheet HTML 6Page - Texas Instruments 5962-9762601VKA Datasheet HTML 7Page - Texas Instruments 5962-9762601VKA Datasheet HTML 8Page - Texas Instruments 5962-9762601VKA Datasheet HTML 9Page - Texas Instruments 5962-9762601VKA Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Timing Requirements
Switching Characteristics
Operating Characteristics
SN54LVC646A-SP
SCAS865 – OCTOBER 2008 ............................................................................................................................................................................................. www.ti.com
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
VCC = 3.3 V
VCC = 2.7 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
MHz
tw
Pulse duration
3.3
3.3
ns
tsu
Setup time, data before CLK
1.6
1.5
ns
th
Hold time, data after CLK
1.7
1.7
ns
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
150
150
MHz
A or B
B or A
7.9
1
7.4
tpd
CLK
8.8
1
8.4
ns
A or B
SBA or SAB
9.9
1
8.6
ten
OE
A
10.2
1
8.2
ns
tdis
OE
A
8.9
1
7.5
ns
ten
DIR
B
10.4
1
8.3
ns
tdis
DIR
B
8.7
1
7.9
ns
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
Outputs enabled
(1)
(1)
75
Power dissipation capacitance
Cpd
f = 10 MHz
pF
per transceiver
Outputs disabled
(1)
(1)
9
(1)
This information was not available at the time of publication.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN54LVC646A-SP


Similar Part No. - 5962-9762601VKA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9762601QKA TI1-5962-9762601QKA Datasheet
879Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - 5962-9762601VKA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2953 TI1-SN74BCT2953 Datasheet
92Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11652 TI-74ACT11652 Datasheet
147Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11648 TI1-74ACT11648 Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11651 TI1-74AC11651_10 Datasheet
158Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2952 TI1-SN74BCT2952 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11651 TI1-74ACT11651 Datasheet
145Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI-74AC11646 Datasheet
121Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC646 TI-SN74LVC646 Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com