Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1S750 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # C1S750
Description  Surface Mount Slow Blow Chip Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

C1S750 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  C1S750 Datasheet HTML 1Page - Bel Fuse Inc. C1S750 Datasheet HTML 2Page - Bel Fuse Inc. C1S750 Datasheet HTML 3Page - Bel Fuse Inc. C1S750 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type C1S
Surface Mount Slow Blow Chip Fuse
1206 Size
RoHS 6 Compliant
Pb
C1S May2012D
C1S Series Fuse
Features
- Slow Blow
- Small size,1206 SMD
- Current rating from 750mA to 5A
- Wide operating temperature range from -55oC to 125oC
- Tape and Reel for automatic SMD placement
- Compatible with reflow and wave soldering
- RoHS6 compliant
- Halogen Free
Testing current
Blow Time
Minimum
Maximum
Electrical Characteristics (UL STD.248-14)
Applications
- Halogen Free
- Leadfree
- Notebook
- LCD monitor
- PC computer
- Office electronic equipment
- Industrial equipment
Pb
LEAD FREE =
Pb
HALOGEN FREE =
HF
100%
200%
120 sec
300%
800%
0.002 sec
0.05 sec
Minimum
Maximum
4 hrs.
N/A
1 sec
3 sec
0.1 sec
Safety Agency Approvals
- Industrial equipment
- Medical equipment
- POE, POE+
- LCD / LED monitor
- Power supply
- LCD / LED TV
- DC-DC Converter
SAFETY
AGENCY
`
E20624
750mA - 5A / 63V AC & DC @ 50A
AMPERE RANGE / VOLT
@ I.R.ABILITY
SAFETY
AGENCY
CERTIFICATE
Safety Agency Approvals
Specifications Subject to change without notice.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 ‧Tel: 201-432-0463 ‧Fax: 201-432-9542 ‧E-Mail: belfuse@belf.com
Website: www.belfuse.com
Specifications Subject to change without notice.


Similar Part No. - C1S750

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1S750 BEL-C1S750 Datasheet
90Kb / 2P
   Surface Mount Slow Blow Chip Fuse
C1S750 BEL-C1S750 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
More results

Similar Description - C1S750

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1S BEL-C1S_17 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
C1T BEL-C1T_18 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
C1S BEL-C1S Datasheet
90Kb / 2P
   Surface Mount Slow Blow Chip Fuse
logo
Tyco Electronics
1206SFS550F MACOM-1206SFS550F Datasheet
84Kb / 1P
   Surface Mount Fuse Slow Blow
logo
Bel Fuse Inc.
C1T BEL-C1T Datasheet
2Mb / 4P
   Surace Mount Slow Blow Chip Fuse
SST375 BEL-SST375 Datasheet
83Kb / 2P
   Square Ceramic Surface Mount Slow Blow Fuse
SST375 BEL-SST375_1 Datasheet
413Kb / 2P
   SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
0680L BEL-0680L Datasheet
841Kb / 4P
   Square Ceramic Surface Mount Slow Blow Fuse
SST375_1310 BEL-SST375_1310 Datasheet
1Mb / 4P
   Square Ceramic Surface Mount Slow Blow Fuse
0683G BEL-0683G Datasheet
344Kb / 4P
   Square Ceramic Surface Mount Slow Blow Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com