Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSQ3.5 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SSQ3.5
Description  Square Ceramic Surface Mount Quick Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SSQ3.5 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SSQ3.5 Datasheet HTML 1Page - Bel Fuse Inc. SSQ3.5 Datasheet HTML 2Page - Bel Fuse Inc. SSQ3.5 Datasheet HTML 3Page - Bel Fuse Inc. SSQ3.5 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type SSQ
Square Ceramic Surface Mount Quick Acting Fuse
2410 Size
RoHS 6 Compliant
SSQ May2012D
Square Ceramic Surface Mount Quick Acting Fuse
Pb
Features
- Quick Acting
- Small size,2410SMD
- Wide range of current rating from 100mA to 15A
SSQ Series Fuse
Applications
- Wide range of current rating from 100mA to 15A
- Wide operating temperature range
- Tape and Reel for auto-insert SMD process.
- RoHS6 compliant
- Halogen Free
- Leadfree
HF
N/A
200%
N/A
5 Sec
Testing Current
Blow Time
Minimum
Maximum
100%
4 Hrs.
Electrical Characteristics (UL / CSA /STD.248-14)
- Notebook
- LCD monitor
- PC computer
- Office electronic equipment
- Industrial equipment
- Medical equipment
- POE, POE+
- LCD / LED monitor
- Power supply
- LCD / LED TV
LEAD FREE =
Pb
HALOGEN FREE =
HF
SAFETY
AGENCY
AMPERE RANGE / VOLT
@ I.R.ABILITY
SAFETY
AGENCY
CERTIFICATE
LR39772
100mA - 7A / 125V @50A AC
Safety Agency Approvals
- LCD / LED TV
15A / 86V @10,000A DC
7.1A - 12A / 125V @ 50A AC and
86V @ 10,000A DC
LR39772
E20624
E20624
100mA - 7A / 125V @50A AC
100mA - 7A / 125V @50A AC and
86V @ 10,000A DC and
125V @ 300A DC
100mA - 12A / 125V @50A AC
100mA - 15A / 86V @ 10,000A DC
100mA - 7A / 125V @ 300A DC
Specifications Subject to change without notice.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 ‧Tel: 201-432-0463 ‧Fax: 201-432-9542 ‧E-Mail: belfuse@belf.com
Website: www.belfuse.com


Similar Part No. - SSQ3.5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SSQ3.5 BEL-SSQ3.5 Datasheet
83Kb / 2P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ3.5 BEL-SSQ3.5 Datasheet
435Kb / 2P
   SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
More results

Similar Description - SSQ3.5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0679L BEL-0679L Datasheet
1Mb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
0679L0250-XX BEL-0679L0250-XX Datasheet
895Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ250 BEL-SSQ250 Datasheet
83Kb / 2P
   Square Ceramic Surface Mount Quick Acting Fuse
0679H BEL-0679H_17 Datasheet
1Mb / 4P
   SQUARE CERAMIC SURFACE MOUNT QUICK ACTING FUSE
0679H0250-XX BEL-0679H0250-XX Datasheet
910Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
0679H BEL-0679H Datasheet
1Mb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ250 BEL-SSQ250_1 Datasheet
435Kb / 2P
   SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
2JQ BEL-2JQ_13 Datasheet
1Mb / 4P
   QUICK ACTING FUSE SERIES
2JQ BEL-2JQ Datasheet
99Kb / 2P
   Quick Acting Fuse Series
5HF BEL-5HF_16 Datasheet
1Mb / 4P
   Quick Acting Fuse Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com