Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN55LVCP22WMPR Datasheet(PDF) 10 Page - Texas Instruments

Part # SN55LVCP22WMPR
Description  CLASS V 2x2 LVDS CROSSPOINT SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55LVCP22WMPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN55LVCP22WMPR Datasheet HTML 6Page - Texas Instruments SN55LVCP22WMPR Datasheet HTML 7Page - Texas Instruments SN55LVCP22WMPR Datasheet HTML 8Page - Texas Instruments SN55LVCP22WMPR Datasheet HTML 9Page - Texas Instruments SN55LVCP22WMPR Datasheet HTML 10Page - Texas Instruments SN55LVCP22WMPR Datasheet HTML 11Page - Texas Instruments SN55LVCP22WMPR Datasheet HTML 12Page - Texas Instruments SN55LVCP22WMPR Datasheet HTML 13Page - Texas Instruments SN55LVCP22WMPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
tSET
tHOLD
tSWITCH
tSET
tHOLD
tSWITCH
IN0
IN1
IN0
IN1
SEL
OUT
EN
IN1
IN0
IN0
IN1
SEL
OUT
EN
SN55LVCP22-SP
SLLSE43 – JUNE 2012
www.ti.com
NOTE: tSET and tHOLD times specify that data must be in a stable state before and after mux control switches.
Figure 7. Input to Select for Both Rising and Falling Edge Setup and Hold Times
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :SN55LVCP22-SP


Similar Part No. - SN55LVCP22WMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LVCP22W/EM TI-SN55LVCP22W/EM Datasheet
1Mb / 24P
[Old version datasheet]   SN55LVCP22A-SP QML Class V 2횞2 1-Gbps LVDS Crosspoint Switch
More results

Similar Description - SN55LVCP22WMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Pericom Semiconductor C...
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com